Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RO3112 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RO3112
Description  303.825 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3112 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RO3112 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3112 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 1 of 2
©2008 by RF Monolithics, Inc.
RO3112 - 3/26/08
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency (+25 °C)
Absolute Frequency
fC
2, 3, 4, 5
433.345
433.495
MHz
Tolerance from 433.420 MHz
ΔfC
±75
kHz
Insertion Loss
IL
2, 5, 6
1.3
1.5
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
7500
50
Ω Loaded Q
QL
940
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
40
°C
Turnover Frequency
fO
fc
kHz
Frequency Temperature Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
≤10
ppm/yr
DC Insulation Resistance between Any Two Pins
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
14.5
Ω
Motional Inductance
LM
39.6
µH
Motional Capacitance
CM
3.4
fF
Pin 1 to Pin 2 Static Capacitance
CO
5, 6, 9
3.5
pF
Transducer Static Capacitance
CP
5, 6, 7, 9
3.2
pF
Test Fixture Shunt Inductance
LTEST
2, 7
39
nH
Lid Symbolization (in Addition to Lot and/or Date Codes)
RFM RO3112
TO39-3 Case
• Ideal for European 433.92 MHz Superhet Receiver LOs
• Very Low Series Resistance
• Quartz Stability
• Rugged, Hermetic, Low-Profile TO39 Case
• Complies with Directive 2002/95/EC (RoHS)
The RO3112 is a true one-port, surface-acoustic-wave (SAW) resonator in a low-profile TO39 case. It provides
reliable, fundamental-mode, quartz frequency stabilization of local oscillators operating at approximately
433.42 MHz. The RO2112 is designed for IC based 433.92 MHz superhet receivers with 500 kHz IF (Philips
UAA3201T). Applications include remote-control and wireless security devices operating in Europe under
ETSI I-ETS 300 220 and in Germany under FTZ 17 TR 2100.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See: Typical Test Circuit)
+0
dBm
DC Voltage Between Any Two Pins (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
Soldering Temperature (10 seconds / 5 cycles max.)
260
°C
433.42 MHz
SAW
Resonator
RO3112
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or
less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture,
decreasing significantly in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The
shunt inductance, LTEST, is tuned for parallel resonance with CO at fC.
Typically, fOSCILLATOR or fTRANSMITTER is less than the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197 and others pending.
4.
Typically, equipment designs utilizing this device require emissions testing
and government approval, which is the responsibility of the equipment
manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are
subject to change without notice.
7.
Derived mathematically from one or more of the following directly
measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover)
frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO -TC)
2]. Typically, oscillator T
O is 20°C
less than the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the
resonant frequency and is provided for reference only. The capacitance CO
is the static (nonmotional) capacitance between pin1 and pin 2 measured
at low frequency (10 MHz) with a capacitance meter. The measurement
includes case parasitic capacitance with a floating case. For usual
grounded case applications (with ground connected to either pin 1 or pin 2
and to the case), add approximately 0.25 pF to CO.
Pb


Similar Part No. - RO3112

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3112A MURATA-RO3112A Datasheet
392Kb / 2P
   433.42 MHz SAW Resonator
RO3112C MURATA-RO3112C Datasheet
98Kb / 2P
   433.42 MHz SAW Resonator
RO3112D MURATA-RO3112D Datasheet
99Kb / 2P
   433.42 MHz SAW Resonator
RO3112E MURATA-RO3112E Datasheet
99Kb / 2P
   433.42 MHz SAW Resonator
More results

Similar Description - RO3112

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3104D MURATA-RO3104D Datasheet
100Kb / 2P
   303.825 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0541A TAI-SAW-TC0541A Datasheet
386Kb / 6P
   SAW Resonator 303.825 MHz
logo
RF Monolithics, Inc
RO2104 RFM-RO2104 Datasheet
146Kb / 2P
   303.825 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3104 MURATA-RO3104 Datasheet
195Kb / 2P
   303.825 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2104-1 RFM-RO2104-1 Datasheet
146Kb / 2P
   303.825 MHz SAW Resonator
RO2104A RFM-RO2104A Datasheet
100Kb / 2P
   303.825 MHz SAW Resonator
RO2104D RFM-RO2104D Datasheet
97Kb / 2P
   303.825 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3104A MURATA-RO3104A Datasheet
392Kb / 2P
   303.825 MHz SAW Resonator
RO3104C MURATA-RO3104C Datasheet
97Kb / 2P
   303.825 MHz SAW Resonator
RO3104E MURATA-RO3104E Datasheet
99Kb / 2P
   303.825 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com