Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RO3112E Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RO3112E
Description  433.42 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3112E Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RO3112E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3112E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 2 of 2
©2008 by RF Monolithics, Inc.
RO3112E - 3/27/08
-80 -60 -40 -20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , T C = T O
ΔT = T
C - T O ( °C )
0.05 pF*
0.05 pF
Cp
Co
+
=
*Case Parasitics
Cp
Rm
Lm
Cm
Equivalent LC Model
Temperature Characteristics
The curve shown on the right accounts for resonator contribution only and
does not include LC component temperature contributions.
Pin
Connection
1NC
2
Terminal
3NC
4NC
5
Terminal
6NC
Power Test
Electrical Connections
The SAW resonator is bidirectional and
may be installed with either orientation.
The two terminals are interchangeable
and unnumbered. The callout NC
indicates no internal connection. The NC
pads assist with mechanical positioning
and stability. External grounding of the NC
pads is recommended to help reduce
parasitic capacitance in the circuit.
Typical Test Circuit
The test circuit inductor, LTEST, is tuned to resonate with the static
capacitance, CO, at FC.
Electrical Test
Typical Application Circuits
From 50
Ω
Network Analyzer
To 50
Ω
Network Analyzer
2
3
6
5
4
1
Low-Loss
Matching
Network to
50
Ω
50
Ω Source
at F
C
P
INCIDENT
P
REFLECTED
2
3
6
5
4
1
Modulation
Input
ROXXXXC
Bottom View
200k
Ω
C1
L1
(Antenna)
47
+9VDC
C2
RF Bypass
470
Typical Low-Power Transmitter Application
2
3
6
5
4
1
+VDC
ROXXXXC
Bottom View
200k
Ω
C1
L1
+VDC
C2
RF Bypass
Typical Local Oscillator Application
Output
2
3
6
5
4
1
1
2
3
6
5
4
1
2
3
6
5
4
A
BC
D
J
EF
GH
I
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
2.87
3.0
3.13
0.113
0.118
0.123
B
2.87
3.0
3.13
0.113
0.118
0.123
C
1.12
1.25
1.38
0.044
0.049
0.054
D
0.77
0.90
1.03
0.030
0.035
0.040
E
2.67
2.80
2.93
0.105
0.110
0.115
F
1.47
1.6
1.73
0.058
0.063
0.068
G
0.72
0.85
0.98
0.028
0.033
0.038
H
1.37
1.5
1.63
0.054
0.059
0.064
I
0.47
0.60
0.73
0.019
0.024
0.029
J
1.17
1.30
1.43
0.046
0.051
0.056


Similar Part No. - RO3112E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3112 MURATA-RO3112 Datasheet
142Kb / 2P
   303.825 MHz SAW Resonator
RO3112A MURATA-RO3112A Datasheet
392Kb / 2P
   433.42 MHz SAW Resonator
RO3112C MURATA-RO3112C Datasheet
98Kb / 2P
   433.42 MHz SAW Resonator
RO3112D MURATA-RO3112D Datasheet
99Kb / 2P
   433.42 MHz SAW Resonator
More results

Similar Description - RO3112E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3112C MURATA-RO3112C Datasheet
98Kb / 2P
   433.42 MHz SAW Resonator
RO3112D MURATA-RO3112D Datasheet
99Kb / 2P
   433.42 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2112A RFM-RO2112A Datasheet
100Kb / 2P
   433.42 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3112A MURATA-RO3112A Datasheet
392Kb / 2P
   433.42 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2112 RFM-RO2112 Datasheet
256Kb / 2P
   433.42 MHz SAW Resonator
logo
Vanlong Technology Co.,...
SQ433M42 VANLONG-SQ433M42 Datasheet
116Kb / 2P
   433.42 MHz Two-Port SAW Resonator
SR433M42 VANLONG-SR433M42 Datasheet
88Kb / 2P
   433.42 MHz One-Port SAW Resonator
SR5511 VANLONG-SR5511 Datasheet
86Kb / 2P
   433.42 MHz One Port SAW Resonator
SR5512 VANLONG-SR5512 Datasheet
93Kb / 2P
   433.42 MHz One Port SAW Resonator
logo
Abracon Corporation
ASR433.42E ABRACON-ASR433.42E Datasheet
994Kb / 1P
   SMD ONE PORT 433.42 MHz SAW RESONATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com