Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2404-12 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC2404-12
Description  1.6GHz Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2404-12 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC2404-12 Datasheet HTML 4Page - Torex Semiconductor XC2404-12 Datasheet HTML 5Page - Torex Semiconductor XC2404-12 Datasheet HTML 6Page - Torex Semiconductor XC2404-12 Datasheet HTML 7Page - Torex Semiconductor XC2404-12 Datasheet HTML 8Page - Torex Semiconductor XC2404-12 Datasheet HTML 9Page - Torex Semiconductor XC2404-12 Datasheet HTML 10Page - Torex Semiconductor XC2404-12 Datasheet HTML 11Page - Torex Semiconductor XC2404-12 Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/16
XC2404A816UR-G
SYMBOL
SPEC
COMMENT
C1, C2
100pF
MURATA
(GRM1552C1H)
C3,C4
10nF
-
L1
9.1nH
TAIYO YUDEN AQseries
(AQ1059N1J)
L2,L3
2.7nH
TAIYO YUDEN AQseries
(AQ1052N7J)
R1
(Rbias)
(*1)
-
(*1)
Less than ±1% tolerance,
Less than ±200ppm/℃ temperature stability
■EVALUATION BOARD
PCB (FR-4)
MICROSTRIPLINE WIDTH =1.25mm
t=0.8mm
PCB size = 20mm×17.5mm
*1: Fixed Bias: Rbias=0Ω
* Please use an external component which does
not depend on bias or temperature too much.
20mm
17.5mm
L1
L2
L3
C1
C2
VDD
GND
C3
C4
R1
Pin
Pout


Similar Part No. - XC2404-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2404 TOREX-XC2404 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
XC2404A816UR-G TOREX-XC2404A816UR-G Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
XC2404 TOREX-XC2404_12 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
XC2404 TOREX-XC2404_15 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
More results

Similar Description - XC2404-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2404 TOREX-XC2404_12 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
XC2404 TOREX-XC2404 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
XC2404 TOREX-XC2404_15 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Toshiba Semiconductor
TA4008F TOSHIBA-TA4008F Datasheet
138Kb / 4P
   1.6GHz BAND BUFFER AMPLIFIER APPLICATIONS)
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com