Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTH23007-10 Datasheet(PDF) 2 Page - RFHIC

Part # RTH23007-10
Description  GaN Doherty Hybrid Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RTH23007-10 Datasheet(HTML) 2 Page - RFHIC

  RTH23007-10 Datasheet HTML 1Page - RFHIC RTH23007-10 Datasheet HTML 2Page - RFHIC RTH23007-10 Datasheet HTML 3Page - RFHIC RTH23007-10 Datasheet HTML 4Page - RFHIC RTH23007-10 Datasheet HTML 5Page - RFHIC RTH23007-10 Datasheet HTML 6Page - RFHIC RTH23007-10 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GaN Doherty Hybrid Amplifier
RTH23007-10
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 7
Version 1.1
Absolute Maximum Ratings
PARAMETER
UNIT
RATING
SYMBOL
Gate-Source Voltage
V
-10 ~ 0
Vgc
Vgp
Drain-Source Voltage
V
50
Vds
Gate Current
mA
4.0
Igs
Operating Junction Temperature
°C
225
TJ
Operating Case Temperature
°C
-30 ~ 85
TC
Storage Temperature
°C
-40 ~ 100
TSTG
Operating Voltage & Input Level
*Vgp(Peaking gate voltage) set: Lower Vgp of Δ-1.9V at Peaking Idq 10mA
PARAMETER
UNIT
MIN
TYP
MAX
SYMBOL
Drain Voltage
V
30.5
31
31.5
Vds
Gate Voltage (on-stage)
V
-
Vgc @Carrier Idq
-2
Vgc
Gate Voltage (on-stage)
V
-
Vgp
-2
Vgp
Gate Voltage (off-stage)
V
-
-8
-
Vgc
Gate Voltage (off-stage)
V
-
-8
-
Vgp
RF Input Level
dB
-
-
35
Pin
Block Diagram
*Note
Directional coupler, isolator and drive amplifier MUST be located CLOSE to the DUT(device under test) is needed for best performance.


Similar Part No. - RTH23007-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTH20007-10 RFHIC-RTH20007-10 Datasheet
330Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH21007-10 RFHIC-RTH21007-10 Datasheet
327Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH21008R RFHIC-RTH21008R Datasheet
482Kb / 4P
   GaN Doherty Hybrid Amplifier
RTH21008S-30 RFHIC-RTH21008S-30 Datasheet
806Kb / 8P
   GaN Doherty Hybrid Amplifier
logo
Microsemi Corporation
RTH22 MICROSEMI-RTH22 Datasheet
193Kb / 4P
   SENSISTORS
More results

Similar Description - RTH23007-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RPAM35008-25 RFHIC-RPAM35008-25 Datasheet
456Kb / 5P
   GaN Doherty Hybrid Amplifier
RTH36004N-24 RFHIC-RTH36004N-24 Datasheet
1Mb / 9P
   GaN Doherty Hybrid Amplifier
RTH35003-20D RFHIC-RTH35003-20D Datasheet
586Kb / 6P
   GaN Doherty Hybrid Amplifier
RTH07003-20D RFHIC-RTH07003-20D Datasheet
581Kb / 6P
   GaN Doherty Hybrid Amplifier
RTH18007-10 RFHIC-RTH18007-10 Datasheet
330Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH36016M-23 RFHIC-RTH36016M-23 Datasheet
730Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH08003-20D RFHIC-RTH08003-20D Datasheet
586Kb / 6P
   GaN Doherty Hybrid Amplifier
RTH18008R RFHIC-RTH18008R Datasheet
565Kb / 4P
   GaN Doherty Hybrid Amplifier
RTH18008S-30 RFHIC-RTH18008S-30 Datasheet
787Kb / 8P
   GaN Doherty Hybrid Amplifier
RTH19008R RFHIC-RTH19008R Datasheet
565Kb / 4P
   GaN Doherty Hybrid Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com