Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUP15020-10 Datasheet(PDF) 6 Page - RFHIC

Part # RUP15020-10
Description  GaN-SiC Broadband Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RUP15020-10 Datasheet(HTML) 6 Page - RFHIC

  RUP15020-10_14 Datasheet HTML 1Page - RFHIC RUP15020-10_14 Datasheet HTML 2Page - RFHIC RUP15020-10_14 Datasheet HTML 3Page - RFHIC RUP15020-10_14 Datasheet HTML 4Page - RFHIC RUP15020-10_14 Datasheet HTML 5Page - RFHIC RUP15020-10_14 Datasheet HTML 6Page - RFHIC RUP15020-10_14 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
GaN-SiC Broadband Amplifier
RUP15020-10
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
6 / 7
Version 2.0
Outline Drawing
* Unit: mm[inch] | Tolerance ±0.15[.006]
Pin Description
Pin No
Description
Specifications
1
VDD
+28 Drain Voltage
2
Ref.
+5V Op-Amp Operate Voltage
3
VGS
-5V Gate Voltage
4
GND
Ground


Similar Part No. - RUP15020-10_14

ManufacturerPart #DatasheetDescription
logo
RFHIC
RUP15020-10 RFHIC-RUP15020-10 Datasheet
166Kb / 4P
   GaN-SiC Broadband Amplifier
More results

Similar Description - RUP15020-10_14

ManufacturerPart #DatasheetDescription
logo
RFHIC
RUP15050-10 RFHIC-RUP15050-10 Datasheet
168Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15030-10 RFHIC-RUP15030-10_14 Datasheet
222Kb / 7P
   GaN-SiC Broadband Amplifier
RUP15050-12 RFHIC-RUP15050-12 Datasheet
212Kb / 6P
   GaN-SiC Broadband Amplifier
RUP15020-10 RFHIC-RUP15020-10 Datasheet
166Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15030-10 RFHIC-RUP15030-10 Datasheet
173Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15020-11 RFHIC-RUP15020-11 Datasheet
200Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15100-10 RFHIC-RUP15100-10 Datasheet
180Kb / 2P
   GaN-SiC Broadband Amplifier
RUP15010-10 RFHIC-RUP15010-10_14 Datasheet
222Kb / 7P
   GaN-SiC Broadband Amplifier
RUP15020-11 RFHIC-RUP15020-11_14 Datasheet
174Kb / 6P
   GaN-SiC Broadband Amplifier
RUP15050-10 RFHIC-RUP15050-10_14 Datasheet
225Kb / 7P
   GaN-SiC Broadband Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com