Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RWM03125-10 Datasheet(PDF) 7 Page - RFHIC

Part # RWM03125-10
Description  Wideband Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RWM03125-10 Datasheet(HTML) 7 Page - RFHIC

  RWM03125-10 Datasheet HTML 1Page - RFHIC RWM03125-10 Datasheet HTML 2Page - RFHIC RWM03125-10 Datasheet HTML 3Page - RFHIC RWM03125-10 Datasheet HTML 4Page - RFHIC RWM03125-10 Datasheet HTML 5Page - RFHIC RWM03125-10 Datasheet HTML 6Page - RFHIC RWM03125-10 Datasheet HTML 7Page - RFHIC RWM03125-10 Datasheet HTML 8Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Wideband Power Amplifier
RWM03125-10
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
7 / 8
Version 1.0
Outline Drawing
* Unit: mm[inch] | Tolerance: ±0.2[.008]
DC & Interface Connector Pin Description
Pin No
Description
I/O
Specification
1
Alarm Monitor
O
Normal : TTL ”Low” (0V)
Alarm : TTL ”High” (5V) (Over current or Over temperature alarm status)
2
Current Monitor
O
Reference voltage : 13.5V@1.7A, Scale : 500mV/1000mA
3
Temperature Monitor
O
Reference voltage : 750mV@25℃, Scale : 10mV/℃
4
VVA
I
Maximum Gain = 0 VDC or “Open”
Minimum Gain = 5 VDC
5
Mute (On/Off
Switching)
I
Enable : TTL “Low”(0~0.5V) or “Open”
Disable : TTL “High”(2.5~5.0V)
6,7
VDD
I
28 VDC
8,9
GND
I
Ground
RWM03125-10


Similar Part No. - RWM03125-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RWM03125-20 RFHIC-RWM03125-20 Datasheet
204Kb / 8P
   Wideband Power Amplifier
More results

Similar Description - RWM03125-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RWP15020-50 RFHIC-RWP15020-50_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03060-10 RFHIC-RWP03060-10_17 Datasheet
854Kb / 5P
   Wideband Power Amplifier
RWP05020-10 RFHIC-RWP05020-10_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03160-10 RFHIC-RWP03160-10_17 Datasheet
863Kb / 5P
   Wideband Power Amplifier
RWP06040-G1 RFHIC-RWP06040-G1 Datasheet
363Kb / 5P
   Wideband Power Amplifier
RFW2500H10-28 RFHIC-RFW2500H10-28 Datasheet
227Kb / 3P
   Wideband Power Amplifier
RWP05040-10 RFHIC-RWP05040-10 Datasheet
444Kb / 6P
   Wideband Power Amplifier
RWP15100-R0 RFHIC-RWP15100-R0 Datasheet
1Mb / 9P
   Wideband Power Amplifier
logo
Analog Devices
ADPA7001CHIPS AD-ADPA7001CHIPS Datasheet
573Kb / 18P
   Wideband Power Amplifier
logo
RFHIC
RUM43020-10 RFHIC-RUM43020-10 Datasheet
208Kb / 7P
   Wideband Power Amplifier
RWP03040-10 RFHIC-RWP03040-10_14 Datasheet
757Kb / 6P
   Wideband Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com