Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RWP06040-10 Datasheet(PDF) 5 Page - RFHIC

Part # RWP06040-10
Description  Wideband Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RWP06040-10 Datasheet(HTML) 5 Page - RFHIC

  RWP06040-10_14 Datasheet HTML 1Page - RFHIC RWP06040-10_14 Datasheet HTML 2Page - RFHIC RWP06040-10_14 Datasheet HTML 3Page - RFHIC RWP06040-10_14 Datasheet HTML 4Page - RFHIC RWP06040-10_14 Datasheet HTML 5Page - RFHIC RWP06040-10_14 Datasheet HTML 6Page - RFHIC RWP06040-10_14 Datasheet HTML 7Page - RFHIC RWP06040-10_14 Datasheet HTML 8Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Wideband Power Amplifier
RWP06040-10
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
5 / 8
Version 1.8
Precautions
1. This product is designed to be used for broadband
amplification. Heat generation is higher when there is no RF
signal in the device. Therefore, the worst case scenario is
when there is no RF signal, and the amplifier is “on” with
current draw.
The temperature must be calculated properly.
Case temperature must maintain below 80°C.
Right side drawing notes how to use a temperature
monitoring function to protect against overheating.
2. Thermal Grease or Metal Thermal Interface Materials are
recommended for heat dissipation. An example would be
spreading
thermal grease on the bottom of the device
Shut Down
Vcc(+28V)
RF IN
RF OUT
(+5V)
Switch ON/OFF
RF OUT
Temp Monitor
Temp Monitor
Ref Voltage
+
-
+Vcc
Comparator Block (with hysteresis gap)


Similar Part No. - RWP06040-10_14

ManufacturerPart #DatasheetDescription
logo
RFHIC
RWP06040-10 RFHIC-RWP06040-10_1 Datasheet
299Kb / 7P
   Wideband Power Amplifier
RWP06040-10 RFHIC-RWP06040-10_17 Datasheet
1Mb / 8P
   Wideband Power Amplifier
More results

Similar Description - RWP06040-10_14

ManufacturerPart #DatasheetDescription
logo
RFHIC
RWP15020-50 RFHIC-RWP15020-50_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03060-10 RFHIC-RWP03060-10_17 Datasheet
854Kb / 5P
   Wideband Power Amplifier
RWP05020-10 RFHIC-RWP05020-10_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03160-10 RFHIC-RWP03160-10_17 Datasheet
863Kb / 5P
   Wideband Power Amplifier
RWP06040-G1 RFHIC-RWP06040-G1 Datasheet
363Kb / 5P
   Wideband Power Amplifier
RFW2500H10-28 RFHIC-RFW2500H10-28 Datasheet
227Kb / 3P
   Wideband Power Amplifier
RWP05040-10 RFHIC-RWP05040-10 Datasheet
444Kb / 6P
   Wideband Power Amplifier
RWP15100-R0 RFHIC-RWP15100-R0 Datasheet
1Mb / 9P
   Wideband Power Amplifier
logo
Analog Devices
ADPA7001CHIPS AD-ADPA7001CHIPS Datasheet
573Kb / 18P
   Wideband Power Amplifier
logo
RFHIC
RUM43020-10 RFHIC-RUM43020-10 Datasheet
208Kb / 7P
   Wideband Power Amplifier
RWP03040-10 RFHIC-RWP03040-10_14 Datasheet
757Kb / 6P
   Wideband Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com