Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RWS02520-10 Datasheet(PDF) 3 Page - RFHIC

Part # RWS02520-10
Description  Wideband Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RWS02520-10 Datasheet(HTML) 3 Page - RFHIC

  RWS02520-10 Datasheet HTML 1Page - RFHIC RWS02520-10 Datasheet HTML 2Page - RFHIC RWS02520-10 Datasheet HTML 3Page - RFHIC RWS02520-10 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wideband Power Amplifier
RWS02520-10
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
3 / 4
Version 1.2
Package Dimensions
* Unit: mm[inch] | Tolerance: ±0.2[.008]
Pin Description
Pin No
Function
Pin No
Function
1
Shut Down(+5V)
5
GND
2
Switch ON/OFF
6
+28V(Vcc)
3
Temp Monitor
7
+28V(Vcc)
4
GND
8
+7V(VDC)
* Terminal Pin Information SMW200-08 (YEONHO Electronic, Wafer ) , SMH200-08(YEONHO Electronic, Housing )
* Recommended Screw Torque : 6.0kgf.cm±1 using SEMS M2.6 14mm Bolt


Similar Part No. - RWS02520-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RWS02540-10 RFHIC-RWS02540-10 Datasheet
241Kb / 4P
   Wideband Power Amplifier
More results

Similar Description - RWS02520-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RWP15020-50 RFHIC-RWP15020-50_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03060-10 RFHIC-RWP03060-10_17 Datasheet
854Kb / 5P
   Wideband Power Amplifier
RWP05020-10 RFHIC-RWP05020-10_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03160-10 RFHIC-RWP03160-10_17 Datasheet
863Kb / 5P
   Wideband Power Amplifier
RWP06040-G1 RFHIC-RWP06040-G1 Datasheet
363Kb / 5P
   Wideband Power Amplifier
RFW2500H10-28 RFHIC-RFW2500H10-28 Datasheet
227Kb / 3P
   Wideband Power Amplifier
RWP05040-10 RFHIC-RWP05040-10 Datasheet
444Kb / 6P
   Wideband Power Amplifier
RWP15100-R0 RFHIC-RWP15100-R0 Datasheet
1Mb / 9P
   Wideband Power Amplifier
logo
Analog Devices
ADPA7001CHIPS AD-ADPA7001CHIPS Datasheet
573Kb / 18P
   Wideband Power Amplifier
logo
RFHIC
RUM43020-10 RFHIC-RUM43020-10 Datasheet
208Kb / 7P
   Wideband Power Amplifier
RWP03040-10 RFHIC-RWP03040-10_14 Datasheet
757Kb / 6P
   Wideband Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com