Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6MBI35S-120 Datasheet(PDF) 3 Page - Fuji Electric

Part # 6MBI35S-120
Description  IGBT(1200V/35A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBI35S-120 Datasheet(HTML) 3 Page - Fuji Electric

  6MBI35S-120 Datasheet HTML 1Page - Fuji Electric 6MBI35S-120 Datasheet HTML 2Page - Fuji Electric 6MBI35S-120 Datasheet HTML 3Page - Fuji Electric 6MBI35S-120 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6MBI35S-120
IGBT Modules
020
40
60
50
100
500
1000
ton
tr
toff
tf
Switching time vs. Collector current (typ.)
Collector current : Ic [ A ]
020
40
60
50
100
500
1000
tf
tr
ton
toff
Switching time vs. Collector current (typ.)
Collector current : Ic [ A ]
10
50
100
500
50
100
500
1000
5000
toff
ton
tr
tf
Switching time vs. Gate resistance (typ.)
Gate resistance : Rg [
]
020
40
60
0
2
4
6
8
10
Err(25
o
C)
Eoff(25o)C
Eon(25
o
C)
Err(125
o
C)
Eoff(125
o
C)
Eon(125
o
C)
Switching loss vs. Collector current (typ.)
Collector current : Ic [ A ]
10
50
100
500
0
5
10
15
20
25
Switching loss vs. Gate resistance (typ.)
Gate resistance : Rg [
]
Eon
Err
Eoff
0
200
400
600
800
1000
1200
1400
0
20
40
60
80
100
Reverse bias safe operating area
Collector - Emitter voltage : VCE [ V ]
Vcc=600V,VGE=±15V, Rg=33
Ω,Tj=125oC
Vcc=600V,VGE=±15V, Rg=33
Ω,Tj=25oC
Vcc=600V,VGE=±15V, Rg=33
Vcc=600V,Ic=35A,VGE=±15V, Tj=25
oC
=
+VGE=15V, -VGE<15V, Rg>33
Ω,Tj<125oC
=
=
Vcc=600V,Ic=35A,VGE=±15V,Tj=125
oC


Similar Part No. - 6MBI35S-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI35S-120L FUJI-6MBI35S-120L Datasheet
88Kb / 2P
   IGBT(1200V/6x35A)
More results

Similar Description - 6MBI35S-120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGL35N120FTD FAIRCHILD-FGL35N120FTD Datasheet
732Kb / 9P
   1200V, 35A Trench IGBT
logo
Fuji Electric
7MBR35SB120 FUJI-7MBR35SB120 Datasheet
559Kb / 7P
   IGBT(1200V/35A/PIM)
logo
Renesas Technology Corp
RJH1CV7DPK RENESAS-RJH1CV7DPK_15 Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPK RENESAS-RJH1CV7DPK Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0_15 Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0 Datasheet
59Kb / 4P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0_13 Datasheet
186Kb / 10P
   1200V - 35A - IGBT Application: Inverter
logo
Fairchild Semiconductor
HGT1S10N120BNST FAIRCHILD-HGT1S10N120BNST Datasheet
201Kb / 8P
   35A, 1200V, NPT Series N-Channel IGBT
logo
Fuji Electric
6MBP35VDA120-50 FUJI-6MBP35VDA120-50 Datasheet
586Kb / 8P
   IGBT MODULE (V series) 1200V / 35A / IPM
logo
Intersil Corporation
HGTG10N120BN INTERSIL-HGTG10N120BN Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com