Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5552VN Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # AK5552VN
Description  ADC with 4Filters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

AK5552VN Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  AK5552VN Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD AK5552VN Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD AK5552VN Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD AK5552VN Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD AK5552VN Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
[AK5552]
Rev. 0.0
2014/06
- 1 -
1. General Description
The AK5552 is a 32bit, 768kHz sampling, differential input A/D converter for digital audio systems. It
integrates an 2-channel A/D converter, suitable for mixers and automotive amplifier units. The AK5552 achieves
115dB dynamic range, 106dB S/(N+D) and 118dB dynamic range in Mono mode while keeping low power
consumption performance. Four types of digital filters are selectable according to the application. The AK5552
can be easily connected to a DSP by supporting TDM audio formats.
2. Features
 Sampling Rate: 8kHz
 768kHz
 Full Differential Inputs
 32Bit Digital Filter
- Sharp Roll-Off Filter
- Slow Roll-Off Filter
- Short Delay Sharp Roll-Off Filter
- Short Delay Slow Roll-Off Filter
 S/(N+D): 106dB
 DR, S/N: 115dB (Mono Mode: 118dB)
 Digital HPF
 Power Supply: 4.75~ 5.25V(Analog), 1.7~1.98V or 3.0
 3.6V(Digital)
 Output Format: 24/32bit MSB justified, I2S or TDM
 Cascade TDM I/F: 16ch/48kHz, 8ch/96kHz, 4ch/192kHz
 DSD (64fs, 128fs, 256fs) Output Data
 Master & Slave Modes
 Overflow Flag
 3-wire Serial and I2C μP I/F
 Power Consumption: 65.7mW (@AVDD=5.0V, TVDD=3.3V, fs=48kHz)
 Package: 48-pin QFN
115dB 768kHz 32-bit 2ch
 ADC with 4Filters
AK5552
= Preliminary =


Similar Part No. - AK5552VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5552VN AKM-AK5552VN Datasheet
124Kb / 5P
   115dB 768kHz 32-bit 2ch ?꾬걪 ADC with 4Filters
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results

Similar Description - AK5552VN

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK5578VN HUAXINAN-AK5578VN Datasheet
203Kb / 5P
   ADC with 4Filters
AK5556VN HUAXINAN-AK5556VN Datasheet
135Kb / 5P
   ADC with 4Filters
AK5572VN HUAXINAN-AK5572VN Datasheet
133Kb / 5P
   ADC with 4Filters
AK5558VN HUAXINAN-AK5558VN Datasheet
135Kb / 5P
   ADC with 4Filters
AK5574VN HUAXINAN-AK5574VN Datasheet
134Kb / 5P
   ADC with 4Filters
AK5576VN HUAXINAN-AK5576VN Datasheet
135Kb / 5P
   ADC with 4Filters
AK5554VN HUAXINAN-AK5554VN Datasheet
125Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5556VN AKM-AK5556VN Datasheet
135Kb / 5P
   115dB 768kHz 32-bit 6ch ADC with 4Filters
AK5574VN AKM-AK5574VN Datasheet
134Kb / 5P
   120dB 768kHz 32-bit 4ch ADC with 4Filters
AK5554VN AKM-AK5554VN Datasheet
125Kb / 5P
   115dB 768kHz 32-bit 4ch ADC with 4Filters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com