Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1151ADS Datasheet(PDF) 7 Page - HuaXinAn Electronics CO.,LTD

Part # AP1151ADS
Description  Input Adjustable Voltage LDO Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

AP1151ADS Datasheet(HTML) 7 Page - HuaXinAn Electronics CO.,LTD

Back Button AP1151ADS Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD AP1151ADS Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD AP1151ADS Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD AP1151ADS Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD AP1151ADS Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD AP1151ADS Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD AP1151ADS Datasheet HTML 9Page - HuaXinAn Electronics CO.,LTD AP1151ADS Datasheet HTML 10Page - HuaXinAn Electronics CO.,LTD AP1151ADS Datasheet HTML 11Page - HuaXinAn Electronics CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
[AP1151ADS]
Rev.0.0
- 7 -
2014/07
■ Electrical Characteristics of Ta=-40
C~85C
The parameters with min or max values will be guaranteed at Ta=-40 ~ 85C.
(Vin=4.0V, R1=51k, R2=68k, Vcont=1.8V, Ta= -40 ~ 85C, unless otherwise specified.)
Parameter
Symnol
Condition
min
typ
max
Unit
FB pin Voltage
Vfb
Iout = 5mA
1.240
1.270
1.300
V
Line Regulation
LinReg
Vin = 5V
-
0.0
8.0
mV
Load Regulation (Note 4)
LoaReg
Iout = 5mA ~ 100mA
-
11
50
mV
Iout = 5mA ~ 200mA
-
26
80
mV
Dropout Voltage
Vdrop
Iout = 50mA
-
80
180
mV
Iout = 100mA
-
120
270
mV
Iout = 200mA
-
200
390
mV
Maximum Output Current
(Note 5)
IoutMAX
When Vout drops 0.3V
220
320
-
mA
Quiescent Current
Iq
Iout = 0mA
-
78
150
A
Standby Current
Istandby
Vcont = 0V
-
0.0
0.5
A
GND Pin Current
Ignd
Iout = 50mA
-
1.0
2.2
mA
Control Terminal
Control Current
Icont
Vcont = 1.8V
-
5.0
15.0
μA
Control Voltage
Vcont
Vout ON state
1.8
-
-
V
Vout OFF state
-
-
0.35
V
Reference Value
Np Terminal Voltage
Vnp
-
1.27
-
V
Output Voltage / Temp.
Vo/Ta
-
35
-
ppm
/C
Output Noise Voltage
Vno
Cout=1.0F, Cnp=0.01F
Cfb=100pF, Iout=30mA
-
34
-
μVrms
Ripple Rejection
R.R
Cout=1.0F, Cnp=0.01F
Cfb=100pF, Iout=10mA,
f=1kHz
-
80
-
dB
Rise Time
tr
Cout=1.0F,
Cnp=0.001F
Cfb=100pF
Vcont : Pulse Wave
(100Hz)
Vcont ON  Vout95%
point
-
40
-
μs
Note 4. Load Regulation changes with output voltage. The value mentioned above is guaranteed with the
condition at R1=51k, R2=68k (set at VoutTYP=3.0V).
Note 5. The maximum output current is limited by power dissipation.


Similar Part No. - AP1151ADS

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1151ADS AKM-AP1151ADS Datasheet
1Mb / 28P
   14V Input Adjustable Voltage LDO Regulator
More results

Similar Description - AP1151ADS

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1151ADS AKM-AP1151ADS Datasheet
1Mb / 28P
   14V Input Adjustable Voltage LDO Regulator
AP1155ADU AKM-AP1155ADU Datasheet
737Kb / 23P
   15V Input / 1A Output Adjustable Voltage LDO Regulator
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
AUK corp
S1117API AUK-S1117API Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
logo
Micrel Semiconductor
MIC47300 MICREL-MIC47300 Datasheet
441Kb / 11P
   3A, Low Voltage, Adjustable LDO Regulator with Dual Input Supply
logo
ON Semiconductor
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
   300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
logo
AUK corp
S1117APIC AUK-S1117APIC Datasheet
393Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
logo
ON Semiconductor
CAT6241 ONSEMI-CAT6241 Datasheet
571Kb / 17P
   1 Amp Adjustable CMOS LDO Voltage Regulator
July, 2013 ??Rev. 6
CAT6243 ONSEMI-CAT6243_15 Datasheet
355Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
February, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com