Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1150ADS65 Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # AP1150ADS65
Description  Output LDO Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

AP1150ADS65 Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  AP1150ADS65 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD AP1150ADS65 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD AP1150ADS65 Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD AP1150ADS65 Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD AP1150ADS65 Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD AP1150ADS65 Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD AP1150ADS65 Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD AP1150ADS65 Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD AP1150ADS65 Datasheet HTML 9Page - HuaXinAn Electronics CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
[AP1150ADSXX]
Rev.0.2
- 1 -
2014/07
-Preliminary-
1. Genaral Description
The AP1150ADSxx is a low dropout linear regulator with ON/OFF control, which can supply 200mA load
current. The IC is an integrated circuit with a silicon monolithic bipolar structure. The output voltage, trimmed
with high accuracy, is available from 1.3 to 9.5V in 0.1V steps.
The output capacitor is available to use a small 0.1uF ceramic capacitor (1.8VVout). The over current, thermal
and reverse bias protections are integrated, and also the package is small and thin type. The IC is designed for
space saving requirements.
2. Feature
Available to use a small 0.1uF ceramic capacitor (1.8VV
OUT)
Dropout Voltage
VDROP=120mV at 100mA
High Precision output voltage
1.5% or 50mV
High ripple rejection ratio
80dB at 1kHz
Wide operating voltage range
2.1V to 14V
Very low quiescent current
IQ=63A at IOUT=0mA
On/Off control (High active)
Built-in Short circuit protection, thermal shutdown
Built-in reverse bias over current protection
Available very low noise application
Very small surface mount package
SOT23-5
3. Application
Any Electronic Equipment
Battery Powered Systems
Mobile Communication
AP1150ADSXX
14V Input / 200mA Output LDO Regulator


Similar Part No. - AP1150ADS65

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1150ADS65 AKM-AP1150ADS65 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
More results

Similar Description - AP1150ADS65

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
   Output LDO Regulator
AP1154ADLXX HUAXINAN-AP1154ADLXX Datasheet
1Mb / 32P
   Output LDO Regulator
logo
Rohm
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com