Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TESD18FB Datasheet(PDF) 2 Page - StarHope

Part # TESD18FB
Description  BIDIRECTIONAL TVS DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TESD18FB Datasheet(HTML) 2 Page - StarHope

  TESD18FB Datasheet HTML 1Page - StarHope TESD18FB Datasheet HTML 2Page - StarHope TESD18FB Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(V)
(V)
@1A
(µA)
(pF)
(max.) (min.)
(mA)
(max.) (max.)
(@A)
(max.) (max.)
2J
15
16.7
1
24
40
1
1
13.3
2A
3
4
10
35
12
75
1
7.5
6
200
1
1
19
TJ
VC
IR
17
10
100
Storage Temperature Range
TSTG
-55 ~ 150
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
Lead Soldering Temperature
Operating Temperature Range
Watts
PARAMETER
SYMBOL
VALUE
Peak Pulse Power (tp=8/20µs waveform)
UNITS
VC
IT
TL
260 (10 sec.)
DEVICE CHARACTERISTICS
VB
PART NUMBER
DEVICE
MARKING
VRWM
320
PPP
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)
CT
-55 ~ 150
2B
5
9.8
18
450
10.5
20
40
2D
12
45
9
1
57
29
2K
18
20.0
1
2H
24
1
50
26.7
1
40
52
7
40
2N
36
40
1
65
75
5
1
ESD/TESD** Series
02| www.spsemi.cn
TESD03FB
TESD05FB
TESD12FB
TESD15FB
TESD18FB
TESD24FB
TESD36FB
REV.2014.05.01


Similar Part No. - TESD18FB

ManufacturerPart #DatasheetDescription
logo
StarHope
TESD18G2B SPSEMI-TESD18G2B Datasheet
459Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
TESD18G2U SPSEMI-TESD18G2U Datasheet
506Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
More results

Similar Description - TESD18FB

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
TEPMXXC RECTRON-TEPMXXC Datasheet
250Kb / 5P
   Bidirectional TVS Diode Array
TEPMXXCM RECTRON-TEPMXXCM Datasheet
132Kb / 4P
   Bidirectional TVS Diode Array
TEPMXXMC RECTRON-TEPMXXMC Datasheet
186Kb / 4P
   Bidirectional TVS Diode Array
TEPM24CV RECTRON-TEPM24CV Datasheet
321Kb / 4P
   Bidirectional TVS Diode Array
logo
Shanghai Leiditech Elec...
SMDA05C LEIDITECH-SMDA05C Datasheet
266Kb / 3P
   Bidirectional TVS Diode Array
SMDA12C LEIDITECH-SMDA12C Datasheet
266Kb / 3P
   Bidirectional TVS Diode Array
SMDA15C LEIDITECH-SMDA15C Datasheet
266Kb / 3P
   Bidirectional TVS Diode Array
SMDA24C LEIDITECH-SMDA24C Datasheet
266Kb / 3P
   Bidirectional TVS Diode Array
logo
Yea Shin Technology Co....
YSMXXLC YEASHIN-YSMXXLC Datasheet
756Kb / 3P
   Bidirectional TVS Diode Array
YSESDA0502CT3 YEASHIN-YSESDA0502CT3 Datasheet
644Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com