Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA090AA Datasheet(PDF) 4 Page - StarHope

Part # SPA090AA
Description  ADSL MODEM?갌AX?갩ELEPHONE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SPA090AA Datasheet(HTML) 4 Page - StarHope

  SPA090AA Datasheet HTML 1Page - StarHope SPA090AA Datasheet HTML 2Page - StarHope SPA090AA Datasheet HTML 3Page - StarHope SPA090AA Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
实验项目 Test Item
浪涌承受能力
突波寿命测试
实验项目 Test Item
拉力强度
环境试验测试/Enviromental Characteristics
试验方法 Test Method
结果Specification
施加2.5KG负重于引线约30秒钟后,检测直流放电
电压,绝缘阻抗,静态电容及检查外观 (Apply 2.5
kgs load approximately 30 seconds, then check
for pull-out and breaking of the lead wire.)
满足各个特性相关参数值
Within standard mentioned in
Initial Characteristics.
浪涌寿命测试/Surge Characteristics
试验方法 Test Method
结果Specification
在陶瓷放电管置于8/20us的浪涌测试仪两端,施加
该型号相对应的耐冲击电流,间隔时间为60s 正负
各测试5次。检测其直流电压,绝缘阻抗,静态电
容及检查外观
直流放电电流Vs/Vs≦30%
(DC spark-over volatage
JSE: △Vs/Vs≦30%)
让一只陶瓷放电管与一只1500pF的电容并于电源两
端,每间隔10秒施加10KV电压,做200次.(Apply 10
KV voltage charged in 1500pF condenser and
apply the current to the specimen,200 times at 10
seconds of intervals.)
满足各个特性相关参数值
Within standard mentioned in
Initial Characteristics.
弯曲强度
实验项目 Test Item
焊锡附着性
焊锡耐热性
将沾过助焊剂之导线,自距离导线迷熔接点根部
3mm处起,浸于265±5℃之焊锡液中10秒钟后,检
测直流放电电压,绝缘阻抗抗,静态电容及检查外
观.(Apply flux and immerse in molten solder, up
满足各个特性相关参数值
Within standard mentioned in
距离引线熔接点根部绝3mm处,使用曲率半径为
0.75-0.8mm器具,与轴方向垂直角度,负重
0.25Kg,弯曲后回复原状,反复2次后,检测直流
放电电压,绝缘阻抗,静态电容及外观(Bend the
lead wire, with jig which radius is 0.75~0.8mm, at
the point of 2mm from the body, under 0.25 kgs
load applied at the right angle the direction of the
amis and get the bent lead wire back to its
original poing after the procedure was repeated 2
times.)
满足各个特性相关参数值
Within standard mentioned in
Initial Characteristics.
环境试验测试/Enviromental Characteristics
试验方法 Test Method
结果Specification
将沾过助焊剂之导线,自距离导线迷熔接点根部
3mm处起,浸于265±5℃之焊锡液中5秒钟后,将导
线之助焊剂洗净后,检查焊锡附着情况.(Apply flux
and immerse in molten solder, up to the point of
3mm from the body,for 5 sec. (235℃±5℃). Wash
the leadwire and check for soldering adhesion.)
导线需均匀附着90%以上(Lead
wire is evenly covered by
solder over 90%.)
焊锡耐热性
观.(Apply flux and immerse in molten solder, up
to the point of 3mm from the body,for 5 sec. (235
℃±5℃). Wash the leadwire and check for
soldering adhesion.)
Within standard mentioned in
Initial Characteristics.
GDT/SPA Series
04 | www.spsemi.cn
REV.2014.05.01


Similar Part No. - SPA090AA

ManufacturerPart #DatasheetDescription
logo
StarHope
SPA090AA SPSEMI-SPA090AA Datasheet
647Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
More results

Similar Description - SPA090AA

ManufacturerPart #DatasheetDescription
logo
StarHope
3SPH SPSEMI-3SPH Datasheet
715Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
B8M SPSEMI-B8M Datasheet
750Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
B8L SPSEMI-B8L Datasheet
735Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
B5L SPSEMI-B5L Datasheet
847Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
SPC SPSEMI-SPC Datasheet
724Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
C6M SPSEMI-C6M Datasheet
737Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
3SPC SPSEMI-3SPC Datasheet
647Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
SPX SPSEMI-SPX Datasheet
835Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
SPH SPSEMI-SPH Datasheet
706Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
SPB SPSEMI-SPB Datasheet
728Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com