Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10KPA Datasheet(PDF) 2 Page - StarHope

Part # 10KPA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-17 TO 280 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

10KPA Datasheet(HTML) 2 Page - StarHope

  10KPA Datasheet HTML 1Page - StarHope 10KPA Datasheet HTML 2Page - StarHope 10KPA Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FEATURES
◎ Glass passivated junction
◎ 10000W peak pulse power capability on 10/1000us
waveform
◎ Excellent clamping capability
◎ Repetition rate(duty cycle) : 0.05%
◎ Low incremental surge resistance
◎ Fast response time: typically less than 1.0ps from 0 Volts to BV,
Bidirectonal less than 10 ns
◎ High temperature soldering guaranteed: 265°C/10 seconds/.375",
(9.5mm) lead length,51bs.(2.3kg) tension
◎ Pb-free plated
MECHANICAL DATA
Case: Molded plastic over glass passivated junction
Polarity: Color band denotes positive end (cathode)
except Bipolar
Mounting Position: Any
Weight: 0.07 ounce, 2.5 grams
SYMBOL
VALUE
UNITS
PPPM
Minimum
10000
Watts
IPPM
SEE
TABLE 1
Amps
PM(AV)
8
Watts
IFSM
400
Amps
TJ , TSTG
-55 to
+ 175
Steady State Power Dissipation at TL = 75℃ , Lead lengths.375",(9.5mm) (Note
2)
Peak Forward Surge Current,1/20 second / 25℃ (JEDEC Method)
Operating junction and Storage Temperature Range
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE-17 TO 280 Volts
10000 Watt Peak Pulse Power
Ratings at 25℃ ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation on 10/1000µs waveform (Note 1,FIG.1)
Peak Pulse Current of on 10/1000µs waveform (Note 1,FIG.3)
Terminal: Solderable per MIL-STD-750, Method 2026
DEVICES FOR BIPOLAR APPLICATION
For Bidirectional use C or CA Suffix for types 15KPA17 thru types 15KPA280 (e.g. 15KPA17C , 15KPA280CA)
MAXIMUM RATINGS AND CHARACTERISTICS
Electrical characteristics apply in both directions
◎ Plastic package
1.0 (25.4)
MIN.
0.360 (9.1)
0.340 (8.6)
DIA.
0.052 (1.32)
0.048 (1.22)
DIA.
Case Style P600
Dimensions in inches and(millimeters)
0.360 (9.1)
0.340 (8.6)
1.0 (25.4)
MIN.
REV.2014.05.01
02 | www.spsemi.cn
10KPA(10KW) Series


Similar Part No. - 10KPA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
10KPA100A SUNMATE-10KPA100A Datasheet
689Kb / 3P
   AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
10KPA110A SUNMATE-10KPA110A Datasheet
689Kb / 3P
   AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
10KPA120A SUNMATE-10KPA120A Datasheet
689Kb / 3P
   AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
10KPA130A SUNMATE-10KPA130A Datasheet
689Kb / 3P
   AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
10KPA150A SUNMATE-10KPA150A Datasheet
689Kb / 3P
   AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results

Similar Description - 10KPA

ManufacturerPart #DatasheetDescription
logo
StarHope
15KPA SPSEMI-15KPA Datasheet
622Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
TVS-15KPA SPSEMI-TVS-15KPA Datasheet
344Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
3KP SPSEMI-3KP Datasheet
429Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
SA SPSEMI-SA Datasheet
918Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 180 Volts
30KPA SPSEMI-30KPA Datasheet
718Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-28 TO 288 Volts
5KP SPSEMI-5KP Datasheet
677Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 250 Volts
logo
Leshan Radio Company
15KW LRC-15KW Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
logo
StarHope
TVS-20KPA SPSEMI-TVS-20KPA Datasheet
324Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 20 to 300 Volts 20000 Watt Peak Pulse Power
TVS-30KPA SPSEMI-TVS-30KPA Datasheet
325Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 28 to 288 Volts 30000 Watt Peak Pulse Power
TVS-SA SPSEMI-TVS-SA Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com