Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32D681K Datasheet(PDF) 1 Page - StarHope

Part # 32D681K
Description  Varistor Type MYG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

32D681K Datasheet(HTML) 1 Page - StarHope

  32D681K Datasheet HTML 1Page - StarHope 32D681K Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Element Size
32
32mm
Varistor Voltage
The first two digits are
S
ignificant figures and the
third one denotes number of
zeros following
D
Voltage
Tolerance
K:±10%
Dimension
Varistor Type MYG
Type MYG Varistors are made of semiconductor ceramic materials composed mainly of
zinc oxide. They have non-linear resistance that changes as a function of applied voltage. It has
small size, high current capacity, and high protection level.
Features
> Wide Varistor voltage range (200V~1600V)
> Excellent non-linearity and protection level
> Large withstanding surge current
> Fast response(≤20ns)
 
Recommended Applications
> Protection of semiconductors
      Surge protection of consumer equipment
> Surge protection of communication, measuring or controller instrument
> Relay or electromagnetic Valve surge absorption
Explanation of Part Numbers
32D Series
0 1 | www.spsemi.cn
>
Symbol
Dimensions
H(max.)
56.3
H1(max.)
16.5
D(max.)
38.0
D1(±1.0)
25.4
d(±0.1)
0.5
d1(±0.3)
3.4
K(max.)
3.2
¢
(M±0.2)
3.8
W(±0.5)
7.0
T(max.)
16.6
TABLE 1
REV.2014.05.01


Similar Part No. - 32D681K

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
32D681K RUILON-32D681K Datasheet
765Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
32D681K SUNMATE-32D681K Datasheet
545Kb / 3P
   METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
32D681K YINT-32D681K Datasheet
502Kb / 3P
   32D Series
logo
HuaXinAn Electronics CO...
32D681K HUAXINAN-32D681K Datasheet
191Kb / 4P
   Metal Oxide Varistors (MOV)
logo
Shanghai Leiditech Elec...
32D681K LEIDITECH-32D681K Datasheet
380Kb / 4P
   Metal Oxide Varistors
More results

Similar Description - 32D681K

ManufacturerPart #DatasheetDescription
logo
StarHope
10D SPSEMI-10D Datasheet
350Kb / 2P
   Varistor Type MYG
14D SPSEMI-14D Datasheet
332Kb / 2P
   Varistor Type MYG
05D SPSEMI-05D Datasheet
294Kb / 2P
   Varistor Type MYG
25D SPSEMI-25D Datasheet
386Kb / 2P
   Varistor Type MYG
20D SPSEMI-20D Datasheet
359Kb / 2P
   Varistor Type MYG
07D SPSEMI-07D Datasheet
539Kb / 2P
   Varistor Type MYG
logo
Vatronics Technologies ...
MYG14K471 VATRONICS-MYG14K471 Datasheet
108Kb / 3P
   MYG GENERAL PURPOSE VARISTORS
logo
Micro Commercial Compon...
MLV1005 MCC-MLV1005 Datasheet
78Kb / 5P
   Normal Type Multilayer Varistor
MLV3225L180PT MCC-MLV3225L180PT Datasheet
308Kb / 2P
   Normal Type Multilayer Varistor
logo
KOA Speer Electronics, ...
NVD10UCD200 KOA-NVD10UCD200 Datasheet
280Kb / 4P
   metal oxide varistor disc type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com