Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8408FPZ Datasheet(PDF) 10 Page - Analog Devices

Part # DAC8408FPZ
Description  Quad 8-Bit Multiplying CMOS D/A Converter with Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8408FPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button DAC8408FPZ Datasheet HTML 6Page - Analog Devices DAC8408FPZ Datasheet HTML 7Page - Analog Devices DAC8408FPZ Datasheet HTML 8Page - Analog Devices DAC8408FPZ Datasheet HTML 9Page - Analog Devices DAC8408FPZ Datasheet HTML 10Page - Analog Devices DAC8408FPZ Datasheet HTML 11Page - Analog Devices DAC8408FPZ Datasheet HTML 12Page - Analog Devices DAC8408FPZ Datasheet HTML 13Page - Analog Devices DAC8408FPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DAC8408
–10–
REV. A
BASIC APPLICATIONS
Some basic circuit configurations are shown in Figures 6 and 7.
Figure 6 shows the DAC8408 connected in a unipolar configu-
ration (2-Quadrant Multiplication), and Table I shows the Code
Table. Resistors R1, R2, R3, and R4 are used to trim full scale
output. Full-scale output voltage = VREF –1 LSB = VREF (1–2
–8)
or VREF × (255/256) with all digital inputs high. Low tempera-
ture coefficient (approximately 50 ppm/
°C) resistors or trim-
mers should be selected if used. Full scale can also be adjusted
using VREF voltage. This will eliminate resistors R1, R2, R3, and
R4. In many applications, R1 through R4 are not required, and
the maximum gain error will then be that of the DAC.
Each DAC exhibits a variable output resistance that is code-
dependent. This produces a code-dependent, differential non-
linearity term at the amplifier’s output which can have a maxi-
mum value of 0.67
× the amplifier’s offset voltage. This differ-
ential nonlinearity term adds to the R-2R resistor ladder differ-
ential-nonlinearity; the output may no longer be monotonic. To
maintain monotonicity and minimize gain and linearity errors, it
is recommended that the op amp offset voltage be adjusted to
less than 10% of 1 LSB (1 LSB = 2
–8
× V
REF or 1/256
× V
REF),
or less than 3.9 mV over the operating temperature range. Zero-
scale output voltage (with all digital inputs low) may be adjusted
using the op amp offset adjustment. Capacitors C1, C2, C3,
and C4 provide phase compensation and help prevent overshoot
and ringing when using high speed op amps.
Figure 7 shows the recommended circuit configuration for the
bipolar operation (4-quadrant multiplication), and Table II shows
the Code Table. Trimmer resistors R17, R18, R19, and R20
are used only if gain error adjustments are required and range
between 50
Ω and 1000 Ω. Resistors R21, R22, R23, and R24
will range betwen 50
Ω and 500 Ω. If these resistors are used, it
is essential that resistor pairs R9–R13, R10–R14, R11–R15,
R12–R16 are matched both in value and tempco. They should
be within 0.01%; wire wound or metal foil types are preferred
for best temperature coefficient matching. The circuits of Figure
6 and 7 can either be used as a fixed reference D/A converter, or
as an attenuator with an ac input voltage.
Table I. Unipolar Binary Code Table (Refer to Figure 6)
DAC Data Input
MSB
LSB
Analog Output
1 1 1 1 1 1 1 1
–VREF
255
256
1 0 0 0 0 0 0 1
–VREF
129
256
1 0 0 0 0 0 0 0
–VREF
128
256
=
–VIN
2
0 1 1 1 1 1 1 1
–VREF
127
256
0 0 0 0 0 0 0 1
–VREF
1
256
0 0 0 0 0 0 0 0
–VREF
0
256
= 0
NOTE
1 LSB = (2
–8) (V
REF) =
1
256
(VREF)
Figure 6. Quad DAC Unipolar Operation (2-Quadrant Multiplication)


Similar Part No. - DAC8408FPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8408FP AD-DAC8408FP Datasheet
217Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FP AD-DAC8408FP Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FP AD-DAC8408FP Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FPC AD-DAC8408FPC Datasheet
217Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FPC3 AD-DAC8408FPC3 Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
More results

Similar Description - DAC8408FPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8408FSZ-REEL AD-DAC8408FSZ-REEL Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
logo
Maxwell Technologies
8408 MAXWELL-8408 Datasheet
472Kb / 20P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
logo
Analog Devices
DAC8408 AD-DAC8408_15 Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
DAC8408 AD-DAC8408 Datasheet
217Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FPCZ AD-DAC8408FPCZ Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
   CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
Analog Devices
PM7628FP AD-PM7628FP Datasheet
766Kb / 16P
   Dual 8-Bit Buffered Multiplying CMOS D/A Converter
REV. A
PM7528FPZ AD-PM7528FPZ Datasheet
1Mb / 5P
   DUAL 8-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTER
REV. C
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com