Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNP325-4 Datasheet(PDF) 8 Page - STANLEY ELECTRIC CO.,LTD.

Part # DNP325-4
Description  Through-hole IRED/5 High Radiant Intensity Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

DNP325-4 Datasheet(HTML) 8 Page - STANLEY ELECTRIC CO.,LTD.

Back Button DNP325-4 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. DNP325-4 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. DNP325-4 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. DNP325-4 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. DNP325-4 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. DNP325-4 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. DNP325-4 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. DNP325-4 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. DNP325-4 Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DNP325-4
Page 8
Through-hole IRED/φ5 High Radiant Intensity Type
TTW (Through The Wave) soldering Conditions
Solder Bath Temp.
Dipping Time
265 ℃
5 s
(MAX.)
(MAX.)
Position
At least 3.0 mm away from resin body
Iron tip temp.
Soldering time and frequency
3 s
1 time
400 ℃
(MAX.)
(MAX.)
(MAX.) (30 W Max.)
Position
At least 3.0 mm away from resin body
2006.3.31
Pre-heating
100 ℃
(MAX.) Resin surface temperature
1) The dip soldering process shall be 2 times maximum.
2) The product shall be cooled to normal temperature before the second dipping process.
※The detail is described to LED and Photodetector handling precautions of home page:
"Mounting through-hole Type Devices“ and "Soldering", and use it after the confirmation, please.
Manual Soldering Conditions
※The detail is described to LED and Photodetector handling precautions of home page:
"Mounting through-hole Type Devices“ and "Soldering", and use it after the confirmation, please.


Similar Part No. - DNP325-4

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNP325-4 STANLEY-DNP325-4 Datasheet
246Kb / 4P
   THROUGH-HOLE SHAPE - INFRARED LED
More results

Similar Description - DNP325-4

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHIR4843-A-PF LIGITEK-LHIR4843-A-PF Datasheet
290Kb / 10P
   High radiant intensity.
logo
STANLEY ELECTRIC CO.,LT...
DNF324U-4 STANLEY-DNF324U-4 Datasheet
171Kb / 10P
   Through-hole IRED/?5 High Speed Type
AN5306X STANLEY-AN5306X Datasheet
236Kb / 11P
   Through-hole IRED/5 Type
AN304 STANLEY-AN304 Datasheet
174Kb / 10P
   Through-hole IRED/?5 Type
DNK5306X STANLEY-DNK5306X Datasheet
243Kb / 11P
   Through-hole IRED/5 High Speed, High Total Output Power Type
AN3804X STANLEY-AN3804X Datasheet
236Kb / 11P
   Through-hole IRED/3 Type
DNK5307B STANLEY-DNK5307B Datasheet
238Kb / 11P
   Through-hole IRED/5 High Speed, High Total Output Power Type
AN3803X STANLEY-AN3803X Datasheet
243Kb / 11P
   Through-hole IRED/3 Type
AN504 STANLEY-AN504 Datasheet
176Kb / 10P
   Through-hole IRED/Right Angle Type
DNP331 STANLEY-DNP331 Datasheet
178Kb / 10P
   Through-hole IRED/3 Wide Distribution Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com