Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10D101K Datasheet(PDF) 2 Page - StarHope

Part # 10D101K
Description  Varistor Type MYG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

10D101K Datasheet(HTML) 2 Page - StarHope

  10D101K Datasheet HTML 1Page - StarHope 10D101K Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10D Series
02 | www.spsemi.cn
Maximum
Energy
Rated
Wattage
Varistor Voltage
Maximum
Clamping
Voltage
Acrms
DC
10/100
μS
1 time
2times
V1mA
V25A
(V)
(V)
(J)
(V)
(V)
10D112K
680
895
133.0
1100(990-1210)
1815
10D102K
625
825
133.0
1000(900-1100)
1650
10D911K
550
745
133.0
910(819-1001)
1500
10D821K
510
670
124.6
820(738-902)
1355
10D781K
485
640
124.6
780(702-858)
1290
10D751K
460
615
124.6
750(675-825)
1240
10D681K
420
560
102.2
680(612-748)
1120
10D621K
385
505
102.2
620(558-682)
1025
10D561K
350
460
99.4
560(504-616)
920
10D511K
320
415
99.4
510(459-561)
845
10D471K
300
385
99.4
470(423-517)
775
10D431K
275
350
88.2
430(387-473)
710
10D391K
250
320
81.2
390(351-429)
650
10D361K
230
300
74.2
360(324-396)
595
10D331K
210
275
68.6
330(297-363)
550
10D301K
190
250
63.0
300(270-330)
505
10D271K
175
225
57.4
270(243-297)
455
10D241K
150
200
50.4
240(216-264)
395
10D221K
140
180
46.2
220(198-242)
360
10D201K
130
170
42.0
200(180-220)
330
10D181K
115
150
30.8
180(162-198)
300
10D151K
95
125
25.2
150(135-165)
250
10D121K
75
100
21.0
120(108-132)
200
10D101K
60
85
18.2
100(90-110)
165
10D820K
50
65
16.8
82(74-90)
135
10D680K
40
56
15.4
68(61-75)
*135
10D560K
35
45
12.9
56(50-62)
*110
10D470K
30
38
10.8
47(42-52)
*93
10D390K
25
31
9.1
39(35-43)
*77
10D330K
20
26
7.4
33(30-36)
*65
10D270K
17
22
6.0
27(24-30)
*53
10D220K
14
18
4.5
22(20-24)
*43
10D180K
11
14
2.8
18(15-21)
*38
500
250
0.05
Part Number
Maximum
Allowable Voltage
Withstanding Surge
Current 8/20
μs
(W)
(A)
2500
1250
0.4
Specification and Electrical Characteristics
REV.2014.05.01
Note:
2、Varistor voltage is measured at 0.1 mA for 05D, and at 1 mA for 07D, 10D, 14D, 20D, respectively.
3、Operating Temperature Range: -40℃~+85℃
Storage Temperature Range: -40℃~+125℃
Stand for commonly used models
*
1、
*
*
*
*


Similar Part No. - 10D101K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
10D101K CERAMATE-10D101K Datasheet
60Kb / 5P
   VARISTOR
logo
World Produts Inc.
10D101K WPI-10D101K Datasheet
1Mb / 65P
   Metal Oxide Varistors
logo
Socay Electornics Co., ...
10D101K SOCAY-10D101K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
Ruilongyuan Electronics...
10D101K RUILON-10D101K Datasheet
757Kb / 7P
   Metal Oxide Varistors
logo
HuaXinAn Electronics CO...
10D101K HUAXINAN-10D101K Datasheet
238Kb / 3P
   Metal Oxide Varistors
More results

Similar Description - 10D101K

ManufacturerPart #DatasheetDescription
logo
StarHope
14D SPSEMI-14D Datasheet
332Kb / 2P
   Varistor Type MYG
05D SPSEMI-05D Datasheet
294Kb / 2P
   Varistor Type MYG
25D SPSEMI-25D Datasheet
386Kb / 2P
   Varistor Type MYG
32D SPSEMI-32D Datasheet
373Kb / 2P
   Varistor Type MYG
20D SPSEMI-20D Datasheet
359Kb / 2P
   Varistor Type MYG
07D SPSEMI-07D Datasheet
539Kb / 2P
   Varistor Type MYG
logo
Vatronics Technologies ...
MYG14K471 VATRONICS-MYG14K471 Datasheet
108Kb / 3P
   MYG GENERAL PURPOSE VARISTORS
logo
Micro Commercial Compon...
MLV1005 MCC-MLV1005 Datasheet
78Kb / 5P
   Normal Type Multilayer Varistor
MLV3225L180PT MCC-MLV3225L180PT Datasheet
308Kb / 2P
   Normal Type Multilayer Varistor
logo
KOA Speer Electronics, ...
NVD10UCD200 KOA-NVD10UCD200 Datasheet
280Kb / 4P
   metal oxide varistor disc type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com