Electronic Components Datasheet Search |
|
SPA150AS Datasheet(PDF) 4 Page - StarHope |
|
SPA150AS Datasheet(HTML) 4 Page - StarHope |
4 / 4 page 实验项目 Test Item 浪涌承受能力 突波寿命测试 实验项目 Test Item 拉力强度 环境试验测试/Enviromental Characteristics 试验方法 Test Method 结果Specification 施加2.5KG负重于引线约30秒钟后,检测直流放电 电压,绝缘阻抗,静态电容及检查外观 (Apply 2.5 kgs load approximately 30 seconds, then check for pull-out and breaking of the lead wire.) 满足各个特性相关参数值 Within standard mentioned in Initial Characteristics. 浪涌寿命测试/Surge Characteristics 试验方法 Test Method 结果Specification 在陶瓷放电管置于8/20us的浪涌测试仪两端,施加 该型号相对应的耐冲击电流,间隔时间为60s 正负 各测试5次。检测其直流电压,绝缘阻抗,静态电 容及检查外观 直流放电电流Vs/Vs≦30% (DC spark-over volatage JSE: △Vs/Vs≦30%) 让一只陶瓷放电管与一只1500pF的电容并于电源两 端,每间隔10秒施加10KV电压,做200次.(Apply 10 KV voltage charged in 1500pF condenser and apply the current to the specimen,200 times at 10 seconds of intervals.) 满足各个特性相关参数值 Within standard mentioned in Initial Characteristics. 弯曲强度 实验项目 Test Item 焊锡附着性 焊锡耐热性 将沾过助焊剂之导线,自距离导线迷熔接点根部 3mm处起,浸于265±5℃之焊锡液中10秒钟后,检 测直流放电电压,绝缘阻抗抗,静态电容及检查外 观.(Apply flux and immerse in molten solder, up 满足各个特性相关参数值 Within standard mentioned in 距离引线熔接点根部绝3mm处,使用曲率半径为 0.75-0.8mm器具,与轴方向垂直角度,负重 0.25Kg,弯曲后回复原状,反复2次后,检测直流 放电电压,绝缘阻抗,静态电容及外观(Bend the lead wire, with jig which radius is 0.75~0.8mm, at the point of 2mm from the body, under 0.25 kgs load applied at the right angle the direction of the amis and get the bent lead wire back to its original poing after the procedure was repeated 2 times.) 满足各个特性相关参数值 Within standard mentioned in Initial Characteristics. 环境试验测试/Enviromental Characteristics 试验方法 Test Method 结果Specification 将沾过助焊剂之导线,自距离导线迷熔接点根部 3mm处起,浸于265±5℃之焊锡液中5秒钟后,将导 线之助焊剂洗净后,检查焊锡附着情况.(Apply flux and immerse in molten solder, up to the point of 3mm from the body,for 5 sec. (235℃±5℃). Wash the leadwire and check for soldering adhesion.) 导线需均匀附着90%以上(Lead wire is evenly covered by solder over 90%.) 焊锡耐热性 观.(Apply flux and immerse in molten solder, up to the point of 3mm from the body,for 5 sec. (235 ℃±5℃). Wash the leadwire and check for soldering adhesion.) Within standard mentioned in Initial Characteristics. GDT/3SPC Series 04 | www.spsemi.cn REV.2014.05.01 |
Similar Part No. - SPA150AS |
|
Similar Description - SPA150AS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |