Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP2-80 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DP2-80
Description  High-performance Digital Pressure Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP2-80 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DP2-80 Datasheet HTML 1Page - List of Unclassifed Manufacturers DP2-80 Datasheet HTML 2Page - List of Unclassifed Manufacturers DP2-80 Datasheet HTML 3Page - List of Unclassifed Manufacturers DP2-80 Datasheet HTML 4Page - List of Unclassifed Manufacturers DP2-80 Datasheet HTML 5Page - List of Unclassifed Manufacturers DP2-80 Datasheet HTML 6Page - List of Unclassifed Manufacturers DP2-80 Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2-80 Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2-80 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
A Wide Variety of Models
Peak hold / bottom hold display
Analog voltage output incorporated
as a standard
Since a linear analog voltage output
(1 to 5 V) is incorporated, the sensor is
ideally suited for real time monitoring or
for remote control in combination with
an analog controller (ultra-compact
digital panel controller CA2 series, or
digital panel controller CA series).
APPLICATIONS
DP2
793
IC
IC tray
DP2-80
MO
DE
Total weight:
70 g approx.
Air
Frame
Tank
Seats
DP2-41
MO
DE
Confirmation of chip component suction
The light weight type does not disturb
the movement of the suction head,
even if it is mounted close to the head.
Verifying placement of frame
High pressure is attained when the
frame is exactly seated. Hence, the
pressure change when the frame is
exactly placed is detected.
Controlling clamping force
The clamping force can be changed to
suit the workpiece by controlling the
supplied air pressure.
Detecting tap breakage
Two opposed nozzles are supplied air at
different pressures. If the tap breaks, the
pressure at the lower pressure side nozzle is
affected by the air of the higher pressure side
nozzle. This change in pressure is detected.
Inspecting orientation of glass sheet
The orientation of the glass sheet can
be recognized by detecting the change
in vacuum due to presence / absence
of indentation.
Controlling edge of winding film
With bifurcated nozzles placed on both sides
of the film, the position of the winding film is
recognized as right-shifted (high pressure),
OK (middle pressure), or left-shifted (low
pressure).
DP2-42
MO
DE
DP2-62
DP2-61
Nozzle A
Nozzle B
Air
High
pressure
Air
Low
pressure
Vacuum tank
Vacuum pump
DP2-80
DP2-80
MO
DE
Air
DP2-41
MO
DE
Light weight type / DP2-80
Flat type / DP2-4
Analog bar display
Digital display
Models are selectable according to mounting style, environmental resistance, and manner of use.
Standard type / DP2-2
IP67 type / DP2-6
DP
2-2
0
–101
.3kP
a
OU
T2
OU
T1
MO
DE
0-A
DJ
DP
2-2
0
–101
.3kP
a
OU
T2
OU
T1
MO
DE
0-A
DJ
MO
DE
Direct piping
Total weight
70 g approx.
The sensor can
be mounted on
the suction head
of a chip mounter.
Water and
dust proof
Mounting on a
panel
Direct mounting on a wall
MO
DE
European type
North
American
type
Asian
type
The DP2 series covers world-
wide usage with the Asian type,
the North American type and the
European type. Each type provides
the customary pressure unit,
suitable transistor output, and
pressure port.
Pressure unit
The interna-
tional system
of unit (SI)
Output
Pressure port
Asian
North
American
European
Pa
kgf/cm2 (Positive
pressure type)
mmHg (Vacuum
pressure type)
psi (Positive
pressure type)
inHg (Vacuum
pressure type)
bar
NPN and
analog voltage
G (PF) 1/8
female thread
NPT 1/8 or
NPTF 1/8
female thread
Rc (PT) 1/8 or M5
female thread
PNP and
analog voltage
NPN and
analog voltage
The peak value or the bottom value of
the varying pressure can be displayed.
This function is convenient for finding the
pressure variation range or for deter-
mining a reference for pressure settings.
Analog bar display
Pressure changes can also be dis-
played in an analog fashion using LED
bars. Hence, sudden pressure changes
can be recognized at a glance.
LED bars indicate the pressure level in steps
of 10 % F.S., regardless of the pressure unit.
(
(


Similar Part No. - DP2-80

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP2-101-RL2-Z COPAL-DP2-101-RL2-Z Datasheet
715Kb / 5P
   Directing Switches
DP2-101B-RL2-Z COPAL-DP2-101B-RL2-Z Datasheet
715Kb / 5P
   Directing Switches
More results

Similar Description - DP2-80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6-13 ETC2-6-13 Datasheet
241Kb / 2P
   HIGH PERFORMANCE PRESSURE SENSOR
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD132A ALPS-HSPPAD132A Datasheet
303Kb / 7P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP180 BOSCH-BMP180 Datasheet
633Kb / 29P
   Digital pressure sensor
logo
Panasonic Semiconductor
DP-001 PANASONIC-DP-001 Datasheet
800Kb / 10P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP280 BOSCH-BMP280 Datasheet
1Mb / 49P
   Digital Pressure Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD042A ALPS-HSPPAD042A Datasheet
1Mb / 30P
   Digital Pressure Sensor
logo
TE Connectivity Ltd
MS5637 TEC-MS5637_16 Datasheet
129Kb / 4P
   Digital Pressure Sensor
logo
HOPE Microelectronics C...
HP303B HOPE-HP303B Datasheet
1Mb / 38P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP388 BOSCH-BMP388 Datasheet
2Mb / 57P
   Digital pressure sensor
logo
TE Connectivity Ltd
MS5637 TEC-MS5637 Datasheet
129Kb / 4P
   Digital Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com