Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20KPA28CA Datasheet(PDF) 2 Page - StarHope

Part # 20KPA28CA
Description  CLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPRESSOR STAND-OFF VOLTAGE-20 TO 300 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

20KPA28CA Datasheet(HTML) 2 Page - StarHope

  20KPA28CA Datasheet HTML 1Page - StarHope 20KPA28CA Datasheet HTML 2Page - StarHope 20KPA28CA Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FEATURES
◎ Plastic package
◎ Glass passivated junction
◎ 20000W Peak Pulse Power capability on 10/1000 µs
waveform
◎ Excellent clamping capability
◎ Repetition rate (duty cycle) : 0.05%
◎ Low incremental surge resistance
◎ Fast response time : typically less than 1.0 ps from 0 volts to BV min.
◎ High temperature soldering guaranteed : 265°C / 10 seconds / .375"
◎ Pb-free plated
MECHANICAL DATA
Case: Molded plastic over glass passivated junction
Terminal: Solderable per MIL-STD-750, Method 2026
Polarity: Color band denoted positive end (cathode)
except Bipolar
Mounting Position: Any
Weight: 0.07 ounce, 2.5 gram
SYMBOL
VALUE
UNITS
PPPM
Minimum
20000
Watts
IPPM
SEE
TABLE 1
Amps
PM (AV)
8
Watts
IFSM
400
Amps
TJ , TSTG
-55 to
+175
°C
Peak Pulse Current of on 10-1000 µs waveform
Steady State Power Dissipation at T1= 75°C Lead Lengths. 375",
(
9.5mm)
Peak Forward Surge Current,1/20 second / 25℃ (JEDEC Method)
Operatings and Storage Temperature Range
MAXIMUM PATINGS AND CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation on 10/ 1000 µs waveform
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types 20KPA 20 thru types 20KPA 300.(e.g. 20KPA20C, 20KPA300CA)
Electrical characteristics apply in both directions.
,(9.5mm) lead length,51bs.(2.3kg) tension
CLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPRESSOR
STAND-OFF VOLTAGE-20 TO 300 Volts
20000 Watt Peak Pulse Power
1.0 (25.4)
MIN.
0.360 (9.1)
0.340 (8.6)
DIA.
0.052 (1.32)
0.048 (1.22)
DIA.
Case Style P600
Dimensions in inches and(millimeters)
0.360 (9.1)
0.340 (8.6)
1.0 (25.4)
MIN.
REV.2013.08.01
02 | www.spsemi.cn
20KPA(20KW) Series
REV.2014.05.01


Similar Part No. - 20KPA28CA

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
20KPA28CA TAITRON-20KPA28CA Datasheet
211Kb / 6P
   20KW Transient Voltage Suppressor
logo
Socay Electornics Co., ...
20KPA28CA SOCAY-20KPA28CA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
logo
MDE Semiconductor, Inc.
20KPA28CA MDE-20KPA28CA Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
20KPA28CA LITTELFUSE-20KPA28CA Datasheet
140Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
20KPA28CA LUGUANG-20KPA28CA Datasheet
116Kb / 2P
   Glass Passivated Junction TVS
More results

Similar Description - 20KPA28CA

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-20KPA SPSEMI-TVS-20KPA Datasheet
324Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 20 to 300 Volts 20000 Watt Peak Pulse Power
15KPA SPSEMI-15KPA Datasheet
622Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
10KPA SPSEMI-10KPA Datasheet
533Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-17 TO 280 Volts
3KP SPSEMI-3KP Datasheet
429Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
SA SPSEMI-SA Datasheet
918Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 180 Volts
30KPA SPSEMI-30KPA Datasheet
718Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-28 TO 288 Volts
5KP SPSEMI-5KP Datasheet
677Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 250 Volts
TVS-30KPA SPSEMI-TVS-30KPA Datasheet
325Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 28 to 288 Volts 30000 Watt Peak Pulse Power
TVS-SA SPSEMI-TVS-SA Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
TVS-15KPA SPSEMI-TVS-15KPA Datasheet
344Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com