Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE250A Datasheet(PDF) 1 Page - StarHope

Part # 1.5KE250A
Description  GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

1.5KE250A Datasheet(HTML) 1 Page - StarHope

  1.5KE250A Datasheet HTML 1Page - StarHope 1.5KE250A Datasheet HTML 2Page - StarHope 1.5KE250A Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE - 6.8 to 550 Volts
1500 Watt Peak Power / 6.5 Watt Steady State
UNI- POLAR
BI-POLAR
1.5KE6.8A
1.5KE6.8CA
5.80
6.45
7.14
10
10.5
144.8
600
1.5KE7.5A
1.5KE7.5CA
6.40
7.13
7.88
10
11.3
134.5
400
1.5KE8.2A
1.5KE8.2CA
7.02
7.79
8.61
10
12.1
125.6
200
1.5KE9.1A
1.5KE9.1CA
7.78
8.65
9.50
1
13.4
113.4
5
0
1.5KE10A
1.5KE10CA
8.55
9.50
10.50
1
14.5
104.8
10
1.5KE11A
1.5KE11CA
9.40
10.50
11.60
1
15.6
97.4
5
1.5KE12A
1.5KE12CA
10.20
11.40
12.60
1
16.7
91.0
5
1.5KE13A
1.5KE13CA
11.10
12.40
13.70
1
18.2
83.5
1
1.5KE15A
1.5KE15CA
12.80
14.30
15.80
1
21.2
71.7
1
1.5KE16A
1.5KE16CA
13.60
15.20
16.80
1
22.5
67.6
1
1.5KE18A
1.5KE18CA
15.30
17.10
18.90
1
25.2
60.3
1
1.5KE20A
1.5KE20CA
17.10
19.00
21.00
1
27.7
54.9
1
1.5KE22A
1.5KE22CA
18.80
20.90
23.10
1
30.6
49.7
1
1.5KE24A
1.5KE24CA
20.50
22.80
25.20
1
33.2
45.8
1
1.5KE27A
1.5KE27CA
23.10
25.70
28.40
1
37.5
40.5
1
1.5KE30A
1.5KE30CA
25.60
28.50
31.50
1
41.4
36.7
1
1.5KE33A
1.5KE33CA
28.20
31.40
34.70
1
45.7
33.3
1
1.5KE36A
1.5KE36CA
30.80
34.20
37.80
1
49.9
30.5
1
1.5KE39A
1.5KE39CA
33.30
37.10
41.00
1
53.9
28.2
1
1.5KE43A
1.5KE43CA
36.80
40.90
45.20
1
59.3
25.6
1
1.5KE47A
1.5KE47CA
40.20
44.70
49.40
1
64.8
23.5
1
1.5KE51A
1.5KE51CA
43.60
48.50
53.60
1
70.1
21.7
1
1.5KE56A
1.5KE56CA
47.80
53.20
58.80
1
77.0
19.7
1
1.5KE62A
1.5KE62CA
53.00
58.90
65.10
1
85.0
17.9
1
1.5KE68A
1.5KE68CA
58.10
64.60
71.40
1
92.0
16.5
1
1.5KE75A
1.5KE75CA
64.10
71.30
78.80
1
103.0
14.8
1
1.5KE82A
1.5KE82CA
70.10
77.90
86.10
1
113.0
13.5
1
1.5KE91A
1.5KE91CA
77.80
86.50
95.50
1
125.0
12.2
1
1.5KE100A
1.5KE100CA
85.50
95.00
105.00
1
137.0
11.1
1
1.5KE110A
1.5KE110CA
94.00
105.00
116.00
1
152.0
10.0
1
1.5KE120A
1.5KE120CA
102.00
114.00
126.00
1
165.0
9.2
1
1.5KE130A
1.5KE130CA
111.00
124.00
137.00
1
179.0
8.5
1
1.5KE150A
1.5KE150CA
128.00
143.00
158.00
1
207.0
7.3
1
1.5KE160A
1.5KE160CA
136.00
152.00
168.00
1
219.0
6.9
1
1.5KE170A
1.5KE170CA
145.00
162.00
179.00
1
234.0
6.5
1
1.5KE180A
1.5KE180CA
154.00
171.00
189.00
1
246.0
6.2
1
1.5KE200A
1.5KE200CA
171.00
190.00
210.00
1
274.0
5.5
1
1.5KE220A
1.5KE220CA
185.00
209.00
231.00
1
328.0
4.6
1
1.5KE250A
1.5KE250CA
214.00
237.00
263.00
1
344.0
4.4
1
1.5KE300A
1.5KE300CA
256.00
285.00
315.00
1
414.0
3.7
1
1.5KE350A
1.5KE350CA
300.00
332.00
368.00
1
482.0
3.2
1
1.5KE400A
1.5KE400CA
342.00
380.00
420.00
1
548.0
2.8
1
1.5KE440A
1.5KE440CA
376.00
418.00
462.00
1
602.0
2.5
1
1.5KE480A
1.5KE480CA
408.00
456.00
504.00
1
658.0
2.3
1
1.5KE510A
1.5KE510CA
434.00
485.00
535.00
1
698.0
2.1
1
1.5KE530A
1.5KE530CA
477.00
503.50
556.50
1
725.0
2.1
1
1.5KE540A
1.5KE540CA
459.00
513.00
567.00
1
740.0
2.0
1
1.5KE550A
1.5KE550CA
495.00
522.50
577.50
1
760.0
2.0
1
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT
TEST
CURREN
T IT (mA)
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
1.5KE
PART NUMBER
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURREN
T Ipp (A)
REVERS
E
LEAKAGE
@ VRWM
IR(µA)
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts with A , the VBR is ± 5%
*
标注为常用型号
Stand for commonly used models
" * "
" * "
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
REV.2014.05.01
01 | www.spsemi.cn
1.5KE(1500W) Series


Similar Part No. - 1.5KE250A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE250A TRSYS-1.5KE250A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
1.5KE250A RUILON-1.5KE250A Datasheet
713Kb / 7P
   Transient Voltage Suppressors
logo
Taiwan Semiconductor Co...
1.5KE250A TSC-1.5KE250A Datasheet
376Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
DAESAN ELECTRONIC CORP.
1.5KE250A DAESAN-1.5KE250A Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
1.5KE250A DIODES-1.5KE250A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results

Similar Description - 1.5KE250A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Leshan Radio Company
P6KE6 LRC-P6KE6 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
DB Lectro Inc
1.5SMC DBLECTRO-1.5SMC Datasheet
208Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 91 Volts 1500 Watts Peak Power
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
StarHope
P6KE SPSEMI-P6KE Datasheet
356Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
logo
Micro Commercial Compon...
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com