Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2357 Datasheet(PDF) 2 Page - NEC

Part # 2SK2357
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2357 Datasheet(HTML) 2 Page - NEC

  2SK2357 Datasheet HTML 1Page - NEC 2SK2357 Datasheet HTML 2Page - NEC 2SK2357 Datasheet HTML 3Page - NEC 2SK2357 Datasheet HTML 4Page - NEC 2SK2357 Datasheet HTML 5Page - NEC 2SK2357 Datasheet HTML 6Page - NEC 2SK2357 Datasheet HTML 7Page - NEC 2SK2357 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SK2357/2SK2358
2
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
TEST CONDITIONS
Drain to Source On-Resistance
RDS(on)
0.7
0.9
VGS = 10 V
2SK2357
0.8
1.0
ID = 3.0 A
2SK2358
Gate to Source Cutoff Voltage
VGS(off)
2.5
3.5
VDS = 10 V, ID = 1 mA
Forward Transfer Admittance
| yfs |
3.0
VDS = 10 V, ID = 3.0 A
Drain Leakage Current
IDSS
100
VDS = VDSS, VGS = 0
Gate to Source Leakage Current
IGSS
±100
VGS =
±30 V, VDS = 0
Input Capacitance
Ciss
1050
VDS = 10 V
Output Capacitance
Coss
200
VGS = 0
Reverse Transfer Capacitance
Crss
26
f = 1 MHz
Turn-On Delay Time
td(on)
14
ID = 3.0 A
Rise Time
tr
9VGS(on) = 10 V
Turn-Off Delay Time
td(off)
56
VDD = 150 V
Fall Time
tf
14
RG = 10
Ω RL = 50 Ω
Total Gate Charge
QG
27
ID = 6.0 A
Gate to Source Charge
QGS
5.5
VDD = 400 V
Gate to Drain Charge
QGD
12
VGS = 10 V
Body Diode Forward Voltage
VF(S-D)
1.0
IF = 6.0 A, VGS = 0
Reverse Recovery Time
trr
300
IF = 6.0 A, VGS = 0
Reverse Recovery Charge
Qrr
1.5
di/dt = 50 A/
µs
Test Circuit 1 Avalanche Capability
Test Circuit 2 Switching Time
UNIT
V
S
µA
nA
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
V
ns
nC
The application circuits and their parameters are for references only and are not intended for use in actual design-in's.
VDD
L
RG = 25
50
PG
VGS = 20 - 0 V
VDD
BVDSS
IAS
ID
VDS
Starting Tch
D.U.T.
RG
RG = 10
D.U.T.
RL
VDD
PG.
0
t
VGS
t = 1 s
Duty Cycle
≤ 1 %
VGS
Wave
Form
ID
Wave
Form
ID
0
0
10 %
10 %
90 %
90 %
10 %
90 %
ID
VGS (on)
td (off)
td (on)
ton
toff
tf
tr
VGS
µ
D.U.T.
RL
VDD
50
IG = 2 mA
PG.
Test Circuit 3 Gate Charge


Similar Part No. - 2SK2357

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2350 TOSHIBA-2SK2350 Datasheet
286Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
logo
Inchange Semiconductor ...
2SK2350 ISC-2SK2350 Datasheet
60Kb / 2P
   Fast Switching Speed
logo
Toshiba Semiconductor
2SK2350 TOSHIBA-2SK2350 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK2350 TOSHIBA-2SK2350_06 Datasheet
730Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC−DC Converter and Motor Drive Applications
2SK2350 TOSHIBA-2SK2350_09 Datasheet
426Kb / 6P
   Switching Regulator, DC−DC Converter and Motor Drive
More results

Similar Description - 2SK2357

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com