Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC2CU1L Datasheet(PDF) 6 Page - Altech corporation

Part # DC2CU1L
Description  Miniature Molded Case Circuit Breakers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

DC2CU1L Datasheet(HTML) 6 Page - Altech corporation

Back Button DC2CU1L Datasheet HTML 2Page - Altech corporation DC2CU1L Datasheet HTML 3Page - Altech corporation DC2CU1L Datasheet HTML 4Page - Altech corporation DC2CU1L Datasheet HTML 5Page - Altech corporation DC2CU1L Datasheet HTML 6Page - Altech corporation DC2CU1L Datasheet HTML 7Page - Altech corporation DC2CU1L Datasheet HTML 8Page - Altech corporation DC2CU1L Datasheet HTML 9Page - Altech corporation DC2CU1L Datasheet HTML 10Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
For ring tongue terminal version, replace “U” with “
R”inpartnumber.Forexample1CR20Linsteadof1CU20L.
OnePole
OnePole
C-Trip
D-Trip
TwoPole
TwoPole
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
55
Rated
Type/
Current
Cat.No.
0.2A
DC1DU02L
0.5A
DC1DU05L
1.0A
DC1DU1L
1.6A
DC1DU1.6L
2.0A
DC1DU2L
3.0A
DC1DU3L
4.0A
DC1DU4L
5.0A
DC1DU5L
6.0A
DC1DU6L
8.0A
DC1DU8L
10A
DC1DU10L
12A
DC1DU12L
13A
DC1DU13L
15A
DC1DU15L
16A
DC1DU16L
20A
DC1DU20L
25A
DC1DU25L
30A
DC1DU30L
32A
DC1DU32L
40A
DC1DU40L
50A
DC1DU50L
60A
DC1DU60L
63A
DC1DU63L
Rated
Type/
Current
Cat.No.
0.2A
DC2DU02L
0.5A
DC2DU05L
1.0A
DC2DU1L
1.6A
DC2DU1.6L
2.0A
DC2DU2L
3.0A
DC2DU3L
4.0A
DC2DU4L
5.0A
DC2DU5L
6.0A
DC2DU6L
8.0A
DC2DU8L
10A
DC2DU10L
12A
DC2DU12L
13A
DC2DU13L
15A
DC2DU15L
16A
DC2DU16L
20A
DC2DU20L
25A
DC2DU25L
30A
DC2DU30L
32A
DC2DU32L
40A
DC2DU40L
50A
DC2DU50L
60A
DC2DU60L
63A
DC2DU63L
StandardPack:12
Weight:1.7kg(3.74lb.)
StandardPack:6
Weight:1.7kg(3.74lb.)
Rated
Type/
Current
Cat.No.
0.2A
DC1CU02L
0.5A
DC1CU05L
1.0A
DC1CU1L
1.6A
DC1CU1.6L
2.0A
DC1CU2L
3.0A
DC1CU3L
4.0A
DC1CU4L
5.0A
DC1CU5L
6.0A
DC1CU6L
8.0A
DC1CU8L
10A
DC1CU10L
12A
DC1CU12L
13A
DC1CU13L
15A
DC1CU15L
16A
DC1CU16L
20A
DC1CU20L
25A
DC1CU25L
30A
DC1CU30L
32A
DC1CU32L
40A
DC1CU40L
50A
DC1CU50L
60A
DC1CU60L
63A
DC1CU63L
DCC-&D-Trip
Characteristics
Rated
Type/
Current
Cat.No.
0.2A
DC2CU02L
0.5A
DC2CU05L
1.0A
DC2CU1L
1.6A
DC2CU1.6L
2.0A
DC2CU2L
3.0A
DC2CU3L
4.0A
DC2CU4L
5.0A
DC2CU5L
6.0A
DC2CU6L
8.0A
DC2CU8L
10A
DC2CU10L
12A
DC2CU12L
13A
DC2CU13L
15A
DC2CU15L
16A
DC2CU16L
20A
DC2CU20L
25A
DC2CU25L
30A
DC2CU30L
32A
DC2CU32L
40A
DC2CU40L
50A
DC2CU50L
60A
DC2CU60L
63A
DC2CU63L
Application Examples:
Telecommunication equipment,
computer equipment, uniterruptable
power supplies.
StandardPack:12
Weight:1.7kg(3.74lb.)
StandardPack:6
Weight:1.7kg(3.74lb.)
LISTED
E305318
MCBs_2013_UsethisOne.QXD_CircuitBreakers_2006(togo3).QXD 11/14/13 10:51 AM Page 55


Similar Part No. - DC2CU1L

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
DC2CU1LA CHERRY-DC2CU1LA Datasheet
246Kb / 3P
   SUBMINIATURE — SEALED
More results

Similar Description - DC2CU1L

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
   Molded Case Circuit Breakers
logo
Fuji Electric
BW9N0HA FUJI-BW9N0HA Datasheet
9Mb / 93P
   Molded Case Circuit Breakers
logo
Altech corporation
ABS103U15A ALTECH-ABS103U15A Datasheet
932Kb / 10P
   Molded Case Circuit Breakers UL489 Listed
logo
List of Unclassifed Man...
A2N150TW ETC2-A2N150TW Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Altech corporation
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com