Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6MBP200RA060 Datasheet(PDF) 3 Page - Fuji Electric

Part # 6MBP200RA060
Description  IGBT-IPM(600V/200A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBP200RA060 Datasheet(HTML) 3 Page - Fuji Electric

  6MBP200RA060 Datasheet HTML 1Page - Fuji Electric 6MBP200RA060 Datasheet HTML 2Page - Fuji Electric 6MBP200RA060 Datasheet HTML 3Page - Fuji Electric 6MBP200RA060 Datasheet HTML 4Page - Fuji Electric 6MBP200RA060 Datasheet HTML 5Page - Fuji Electric 6MBP200RA060 Datasheet HTML 6Page - Fuji Electric 6MBP200RA060 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6MBP200RA060
IGBT-IPM
Block diagram
Outline drawings, mm
Mass : 920g
Pre-drivers include following functions
a) Amplifier for driver
b) Short circuit protection
c) Undervoltage lockout circuit
d) Over current protection
e) IGBT chip over heating protection


Similar Part No. - 6MBP200RA060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP200VDA060-50 FUJI-6MBP200VDA060-50 Datasheet
588Kb / 8P
   IGBT MODULE (V series) 600V / 200A / IPM
6MBP200VEA060-50 FUJI-6MBP200VEA060-50 Datasheet
612Kb / 8P
   IGBT MODULE (V series) 600V / 200A / IPM
6MBP200VEA120-50 FUJI-6MBP200VEA120-50 Datasheet
627Kb / 8P
   IGBT MODULE (V series) 1200V / 200A / IPM
More results

Similar Description - 6MBP200RA060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP200RA060 FUJI-7MBP200RA060 Datasheet
373Kb / 8P
   IGBT-IPM(600V/200A)
7MBP200VDA060-50 FUJI-7MBP200VDA060-50 Datasheet
689Kb / 11P
   IGBT MODULE (V series) 600V / 200A / IPM
6MBP200VEA060-50 FUJI-6MBP200VEA060-50 Datasheet
612Kb / 8P
   IGBT MODULE (V series) 600V / 200A / IPM
6MBP200VDA060-50 FUJI-6MBP200VDA060-50 Datasheet
588Kb / 8P
   IGBT MODULE (V series) 600V / 200A / IPM
7MBP200VEA060-50 FUJI-7MBP200VEA060-50 Datasheet
804Kb / 11P
   IGBT MODULE (V series) 600V / 200A / IPM
6MBP30RH060 FUJI-6MBP30RH060 Datasheet
109Kb / 5P
   IGBT-IPM(600V/30A)
6MBP50RA060 FUJI-6MBP50RA060 Datasheet
789Kb / 7P
   IGBT-IPM(600V/50A)
6MBP75RA060 FUJI-6MBP75RA060 Datasheet
776Kb / 7P
   IGBT-IPM(600V/75A)
7MBP300RA060 FUJI-7MBP300RA060 Datasheet
379Kb / 8P
   IGBT-IPM(600V / 300A)
6MBP20RH060 FUJI-6MBP20RH060 Datasheet
106Kb / 5P
   IGBT-IPM(600V/20A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com