Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC2DU4L Datasheet(PDF) 9 Page - Altech corporation

Part # DC2DU4L
Description  Miniature Molded Case Circuit Breakers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

DC2DU4L Datasheet(HTML) 9 Page - Altech corporation

Back Button DC2DU4L Datasheet HTML 5Page - Altech corporation DC2DU4L Datasheet HTML 6Page - Altech corporation DC2DU4L Datasheet HTML 7Page - Altech corporation DC2DU4L Datasheet HTML 8Page - Altech corporation DC2DU4L Datasheet HTML 9Page - Altech corporation DC2DU4L Datasheet HTML 10Page - Altech corporation DC2DU4L Datasheet HTML 11Page - Altech corporation DC2DU4L Datasheet HTML 12Page - Altech corporation DC2DU4L Datasheet HTML 13Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
58
UL489 Listed Busbars
The Altech Busbar System is an
innovative way to jumper power to
Miniature Molded Circuit Breakers.
The advantages of this busbar
system are:
30% Installation time savings
Panel space savings
Reduced maintenance
High electrical ratings
UL489BusbarSystem
Every pin configuration is possible by combination of existing 6, 12 and 18 pin busbars.
Power Feeding:
Power Feed Lug (115A), Direct Power Feed (115A)
UL listed for Altech’s L-Series of Miniature Circuit Breakers
UL listed for use with most popular UL489 Miniature Molded Circuit Breakers
in the market.
Altech UL489
Busbar System
TechnicalSpecifications
BusbarsUL489
MaterialofBusbar
Copper
MaterialofInsulation(Housing) Polyamid
ElectricalRatings
115A/480VAC
ShortCircuitWithstandRating 10kA
ApplyingStandards
UL489, VDE0660 Part 100,
IEC60749, DIN EN60947-1
UL489 recognized
E305318
Universal UL489 Busbar
fits most UL489 Miniature Circuit
Breakers in the market!
PleasecontactAltechfordetailsandfurtherinformation.
MCBs_2013_UsethisOne.QXD_CircuitBreakers_2006(togo3).QXD 11/14/13 10:51 AM Page 58


Similar Part No. - DC2DU4L

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DC2 JAE-DC2 Datasheet
214Kb / 5P
   HDMI Standard Type C HDMI Mini Connector
logo
Cherry Semiconductor Co...
DC2 CHERRY-DC2 Datasheet
246Kb / 3P
   SUBMINIATURE — SEALED
logo
Integrated Power Design...
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1001 IPDPOWER-DC2-110-1001 Datasheet
399Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1002 IPDPOWER-DC2-110-1002 Datasheet
399Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
More results

Similar Description - DC2DU4L

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
   Molded Case Circuit Breakers
logo
Fuji Electric
BW9N0HA FUJI-BW9N0HA Datasheet
9Mb / 93P
   Molded Case Circuit Breakers
logo
Altech corporation
ABS103U15A ALTECH-ABS103U15A Datasheet
932Kb / 10P
   Molded Case Circuit Breakers UL489 Listed
logo
List of Unclassifed Man...
A2N150TW ETC2-A2N150TW Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Altech corporation
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com