Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RO3164E Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RO3164E
Description  868.35 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3164E Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RO3164E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3164E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 2 of 2
©2008 by RF Monolithics, Inc.
RO3164E - 3/27/08
-80 -60 -40 -20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , T C = T O
ΔT = T
C - T O ( °C )
0.05 pF*
0.05 pF
Cp
Co
+
=
*Case Parasitics
Cp
Rm
Lm
Cm
Equivalent LC Model
Temperature Characteristics
The curve shown on the right accounts for resonator contribution only and
does not include LC component temperature contributions.
Pin
Connection
1NC
2
Terminal
3NC
4NC
5
Terminal
6NC
Power Test
Electrical Connections
The SAW resonator is bidirectional and
may be installed with either orientation.
The two terminals are interchangeable
and unnumbered. The callout NC
indicates no internal connection. The NC
pads assist with mechanical positioning
and stability. External grounding of the NC
pads is recommended to help reduce
parasitic capacitance in the circuit.
Typical Test Circuit
The test circuit inductor, LTEST, is tuned to resonate with the static
capacitance, CO, at FC.
Electrical Test
Typical Application Circuits
From 50
Ω
Network Analyzer
To 50
Ω
Network Analyzer
2
3
6
5
4
1
Low-Loss
Matching
Network to
50
Ω
50
Ω Source
at F
C
P
INCIDENT
P
REFLECTED
2
3
6
5
4
1
Modulation
Input
ROXXXXC
Bottom View
200k
Ω
C1
L1
(Antenna)
47
+9VDC
C2
RF Bypass
470
Typical Low-Power Transmitter Application
2
3
6
5
4
1
+VDC
ROXXXXC
Bottom View
200k
Ω
C1
L1
+VDC
C2
RF Bypass
Typical Local Oscillator Application
Output
2
3
6
5
4
1
1
2
3
6
5
4
1
2
3
6
5
4
A
BC
D
J
EF
GH
I
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
2.87
3.0
3.13
0.113
0.118
0.123
B
2.87
3.0
3.13
0.113
0.118
0.123
C
1.12
1.25
1.38
0.044
0.049
0.054
D
0.77
0.90
1.03
0.030
0.035
0.040
E
2.67
2.80
2.93
0.105
0.110
0.115
F
1.47
1.6
1.73
0.058
0.063
0.068
G
0.72
0.85
0.98
0.028
0.033
0.038
H
1.37
1.5
1.63
0.054
0.059
0.064
I
0.47
0.60
0.73
0.019
0.024
0.029
J
1.17
1.30
1.43
0.046
0.051
0.056


Similar Part No. - RO3164E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3164E-1 MURATA-RO3164E-1_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
RO3164E-2 MURATA-RO3164E-2_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
RO3164E-3 MURATA-RO3164E-3 Datasheet
431Kb / 2P
   868.35 MHz SAW Resonator
RO3164E-3 MURATA-RO3164E-3_15 Datasheet
208Kb / 2P
   868.35 MHz SAW Resonator
RO3164E MURATA-RO3164E_15 Datasheet
206Kb / 3P
   868.35 MHz SAW Resonator
More results

Similar Description - RO3164E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3164D-2 MURATA-RO3164D-2_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
RO3164E-1 MURATA-RO3164E-1_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
RO3164 MURATA-RO3164 Datasheet
141Kb / 2P
   868.35 MHz SAW Resonator
RO3164A-3 MURATA-RO3164A-3 Datasheet
63Kb / 2P
   868.35 MHz SAW Resonator
RO3164E-3 MURATA-RO3164E-3 Datasheet
431Kb / 2P
   868.35 MHz SAW Resonator
RO3164E-3 MURATA-RO3164E-3_15 Datasheet
208Kb / 2P
   868.35 MHz SAW Resonator
RO3164D-3 MURATA-RO3164D-3 Datasheet
124Kb / 2P
   868.35 MHz SAW Resonator
RO3164D MURATA-RO3164D_15 Datasheet
206Kb / 3P
   868.35 MHz SAW Resonator
RO3164E MURATA-RO3164E_15 Datasheet
206Kb / 3P
   868.35 MHz SAW Resonator
RO3164E-2 MURATA-RO3164E-2_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com