Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC2DU20L Datasheet(PDF) 3 Page - Altech corporation

Part # DC2DU20L
Description  Miniature Molded Case Circuit Breakers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

DC2DU20L Datasheet(HTML) 3 Page - Altech corporation

  DC2DU20L Datasheet HTML 1Page - Altech corporation DC2DU20L Datasheet HTML 2Page - Altech corporation DC2DU20L Datasheet HTML 3Page - Altech corporation DC2DU20L Datasheet HTML 4Page - Altech corporation DC2DU20L Datasheet HTML 5Page - Altech corporation DC2DU20L Datasheet HTML 6Page - Altech corporation DC2DU20L Datasheet HTML 7Page - Altech corporation DC2DU20L Datasheet HTML 8Page - Altech corporation DC2DU20L Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Warning!
This information should only be used as a selection guide. The use of a Miniature Circuit
Breaker in an application with a certain Trip-Characteristic always requires prototype
testing! It is the responsibility of the circuit design engineer to select the appropriate
Miniature Circuit Breaker for his specific application.
*The value of each characteristic is shown vertically beneath its corresponding heading.
Characteristic Trip Boundaries
Trip-Characteristics*
Type
Applications
C-Characteristics
D-Characteristics
Thermal Trip
Lighting
Control
Circuits
Wiring
Protection
Business
Equipment
Appliances
Transformers
Power
Supplies
Heaters
Must not
Trip>100ms
Must Trip
<1hr
Must not
Trip>100ms
Must Trip
at 100ms
Magnetic Trip
Low
Inrush
High
Inrush
Motors
Reactive
Load
1.05xRC
1.3xRC
5xRC
10xRC
1.05xRC
1.3xRC
10xRC
16xRC
1.05xRC
1.3xRC
5xRC
10xRC
1.05xRC
1.3xRC
10xRC
16xRC
AC
AC
DC
DC
14.5mm (0.57 in.)
17.5mm (0.69 in.)
6.5mm
(0.26 in.)
44mm (1.73 in.)
60mm (2.36 in.)
35mm (1.38 in.)
52.5mm (2.07 in.)
14.5mm (0.57 in.)
17.5mm (0.69 in.)
35mm (1.38 in.)
14.5mm (0.57 in.)
17.5mm (0.69 in.)
2
10-3
4x10-3
4x10-2
10-1
0.4
1
4
10
1
4
10
40
60
10-2
34
6 8 10 16 20
Multiple of Rated Current
C
C
D
D
CD
TimeversusCurrentTripCurve
For the exact trip curve,
please refer to page 56.
1 pole
2 pole
3 pole
Dimensionsinmm
sideview
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
52
MCBs_2013_UsethisOne.QXD_CircuitBreakers_2006(togo3).QXD 11/14/13 10:51 AM Page 52


Similar Part No. - DC2DU20L

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DC2 JAE-DC2 Datasheet
214Kb / 5P
   HDMI Standard Type C HDMI Mini Connector
logo
Cherry Semiconductor Co...
DC2 CHERRY-DC2 Datasheet
246Kb / 3P
   SUBMINIATURE — SEALED
logo
Integrated Power Design...
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1001 IPDPOWER-DC2-110-1001 Datasheet
399Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1002 IPDPOWER-DC2-110-1002 Datasheet
399Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
More results

Similar Description - DC2DU20L

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
   Molded Case Circuit Breakers
logo
Fuji Electric
BW9N0HA FUJI-BW9N0HA Datasheet
9Mb / 93P
   Molded Case Circuit Breakers
logo
Altech corporation
ABS103U15A ALTECH-ABS103U15A Datasheet
932Kb / 10P
   Molded Case Circuit Breakers UL489 Listed
logo
List of Unclassifed Man...
A2N150TW ETC2-A2N150TW Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Altech corporation
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com