Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8001SI Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # KSZ8001SI
Description  1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8001SI Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button KSZ8001SI Datasheet HTML 5Page - Micrel Semiconductor KSZ8001SI Datasheet HTML 6Page - Micrel Semiconductor KSZ8001SI Datasheet HTML 7Page - Micrel Semiconductor KSZ8001SI Datasheet HTML 8Page - Micrel Semiconductor KSZ8001SI Datasheet HTML 9Page - Micrel Semiconductor KSZ8001SI Datasheet HTML 10Page - Micrel Semiconductor KSZ8001SI Datasheet HTML 11Page - Micrel Semiconductor KSZ8001SI Datasheet HTML 12Page - Micrel Semiconductor KSZ8001SI Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Micrel
KSZ8001
June 2009
Revision 1.04
9
Pin Number
Pin Name
Type
(Note 1)
Pin Function
31
VDDRX
Pwr
1.8V analog VDD
(See “Circuit Design Reference for Power Supply” section for details)
32
RX-
I/O
Physical receive or transmit ‘-’ differential signal
33
RX+
I/O
Physical receive or transmit ‘+’ differential signal
34
FXSD/
FXEN
Ipd/O
Fiber Mode Enable / Signal Detect in Fiber Mode
If FXEN=0, FX mode is disable. The default is “0”.
(See “100BASE-FX Mode” section for details)
35
GND
Gnd
Ground
36
GND
Gnd
Ground
37
REXT
I
Connect a 6.65K
Ω external resistor from this pin to ground
38
VDDRCV
Pwr
3.3V analog VDD
(See “Circuit Design Reference for Power Supply” section for details)
39
GND
Gnd
Ground
40
TX-
I/O
Physical transmit or receive ‘-’ differential signal
41
TX+
I/O
Physical transmit or receive ‘+’ differential signal
42
NC
No Connect
43
NC
No Connect
44
GND
Gnd
Ground
45
XO
O
46
XI
I
25MHz crystal/oscillator clock connections
Pins (XI, XO) connect to a crystal. If an oscillator is used, XI connects to a
3.3V tolerant oscillator and XO is a no connect.
Clock is +/- 50ppm for both crystal and oscillator.
47
VDDPLL
Pwr
1.8V analog PLL VDD
(See “Circuit Design Reference for Power Supply” section for details)
48
RST#
Ipu
Chip Reset
Active low, minimum of 50 us pulse is required
Note 1:
Pwr = power supply;
Gnd = ground;
I = input;
O = output;
I/O = bi-directional
Ipu = input w/ internal pull up;
Ipd = input w/ internal pull down;
Ipu/O = input w/ internal pull up during
reset, output pin otherwise;
Ipd/O = input w/ internal pull down during
reset, output pin otherwise;
PD = strap pull down;
PU = strap pull up;
Note 2:
MII Rx Mode: The RXD[3..0] bits are synchronous with RXCLK. When RXDV is asserted, RXD [3..0]
presents valid data to MAC through the MII. RXD [3..0] is invalid when RXDV is de-asserted.
Note 3:
RMII Rx Mode: The RXD[1..0] bits are synchronous with REF_CLK. For each clock period in which
CRS_DV is asserted, two bits of recovered data are sent from the PHY.
Note 4:
SMII Rx Mode: Receive data and control information are sent in 10 bit segments. In 100MBit mode, each
segment represents a new byte of data. In 10MBit mode, each segment is repeated ten times; therefore,
every ten segments represents a new byte of data. The MAC can sample any one of every 10 segments in
10MBit mode.


Similar Part No. - KSZ8001SI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8001SI MICREL-KSZ8001SI Datasheet
561Kb / 46P
   1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
logo
Microchip Technology
KSZ8001SIS-TR MICROCHIP-KSZ8001SIS-TR Datasheet
542Kb / 51P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
More results

Similar Description - KSZ8001SI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8001L MICROCHIP-KSZ8001L Datasheet
542Kb / 51P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
logo
Micrel Semiconductor
KSZ8001L MICREL-KSZ8001L Datasheet
561Kb / 46P
   1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KSZ8041FTLI MICREL-KSZ8041FTLI Datasheet
82Kb / 2P
   Physical Layer Transceiver 10/100BASE-T/TX/FX
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KS8001 MICREL-KS8001 Datasheet
623Kb / 44P
   1.8V, 3.3V 10/100BASETX/FX Physical Layer Transceiver
KS8721BL MICREL-KS8721BL_11 Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721CL MICREL-KS8721CL_11 Datasheet
280Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8721SL-TR MICREL-KSZ8721SL-TR Datasheet
218Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
   3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com