Selected language     English  ▼


L-03C1N5SV4T Datasheet(PDF) 4 Page - Johanson Technology Inc.

Part No. L-03C1N5SV4T
Description  RF CERAMIC CHIP INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JOHANSON [Johanson Technology Inc.]
Homepage  http://www.johansontechnology.com
Logo 

   
 4 page
background image
18
www.johansontechnology.com
19
www.johansontechnology.com
0805 INDUCTANCE RANGE / ELECTRICAL CHARACTERISTICS
Part Number
Inductance
Tolerance
Q (Min.)
L/Q Freq.
Typical SRF
DC Resistance Max Rated Current
L-15C1N5SV4E
1.5 nH
± 0.3 nH
10
100 MHz
>6000 MHz
0.10
300 mA
L-15C1N8SV4E
1.8 nH
± 0.3 nH
10
100 MHz
>6000 MHz
0.10
300 mA
L-15C2N2SV4E
2.2 nH
± 0.3 nH
10
100 MHz
>6000 MHz
0.10
300 mA
L-15C2N7SV4E
2.7 nH
± 0.3 nH
12
100 MHz
>6000 MHz
0.12
300 mA
L-15C3N3@V4E
3.3 nH
± 0.3 nH ±10%
12
100 MHz
>6000 MHz
0.13
300 mA
L-15C3N9@V4E
3.9 nH
± 0.3 nH ±10%
12
100 MHz
5600 MHz
0.15
300 mA
L-15C4N7@V4E
4.7 nH
± 0.3 nH ±10%
12
100 MHz
5500 MHz
0.20
300 mA
L-15C5N6@V4E
5.6 nH
± 0.3 nH ±10%
12
100 MHz
4700 MHz
0.23
300 mA
L-15C6N8#V4E
6.8 nH
±5% ±10%
15
100 MHz
3900 MHz
0.25
300 mA
L-15C8N2#V4E
8.2 nH
±5% ±10%
15
100 MHz
3200 MHz
0.28
300 mA
L-15C10N#V4E
10.0 nH
±5% ±10%
15
100 MHz
3100 MHz
0.30
300 mA
L-15C12N#V4E
12.0 nH
±5% ±10%
15
100 MHz
2800 MHz
0.35
300 mA
L-15C15N#V4E
15.0 nH
±5% ±10%
15
100 MHz
2400 MHz
0.40
300 mA
L-15C18N#V4E
18.0 nH
±5% ±10%
15
100 MHz
2100 MHz
0.45
300 mA
L-15C22N#V4E
22.0 nH
±5% ±10%
15
100 MHz
2000 MHz
0.50
300 mA
L-15C27N#V4E
27.0 nH
±5% ±10%
15
100 MHz
1800 MHz
0.55
300 mA
L-15C33N#V4E
33.0 nH
±5% ±10%
15
100 MHz
1700 MHz
0.60
300 mA
L-15C39N#V4E
39.0 nH
±5% ±10%
18
100 MHz
1400 MHz
0.65
300 mA
L-15C47N#V4E
47.0 nH
±5% ±10%
18
100 MHz
1200 MHz
0.70
300 mA
L-15C56N#V4E
56.0 nH
±5% ±10%
18
100 MHz
1000 MHz
0.75
300 mA
L-15C68N#V4E
68.0 nH
±5% ±10%
18
100 MHz
900 MHz
0.80
300 mA
L-15C82N#V4E
82.0 nH
±5% ±10%
18
100 MHz
900 MHz
0.85
300 mA
L-15CR10#V4E
100 nH
±5% ±10%
18
100 MHz
700 MHz
0.90
300 mA
L-15CR12#V4E
120 nH
±5% ±10%
13
50 MHz
600 MHz
0.95
300 mA
L-15CR15#V4E
150 nH
±5% ±10%
13
50 MHz
500 MHz
1.00
300 mA
L-15CR18#V4E
180 nH
±5% ±10%
13
50 MHz
430 MHz
1.10
300 mA
L-15CR22#V4E
220 nH
±5% ±10%
12
50 MHz
400 MHz
1.20
300 mA
L-15CR27#V4E
270 nH
±5% ±10%
12
50 MHz
340 MHz
1.30
300 mA
L-15CR33#V4E
330 nH
±5% ±10%
12
50 MHz
320 MHz
1.50
300 mA
L-15CR39#V4E
390 nH
±5% ±10%
10
50 MHz
270 MHz
1.60
300 mA
L-15CR47#V4E
470 nH
±5% ±10%
10
50 MHz
250 MHz
1.80
300 mA
L-15CR56#V4E
560 nH
±5% ±10%
10
50 MHz
230 MHz
2.50
300 mA
L-15CR68#V4E
680 nH
±5% ±10%
10
50 MHz
180 MHz
3.00
300 mA
“@ = Choice of S or K Tolerance, # = J or K Tolerance”
0603 CONTINUED
Part Number
Inductance
Tolerance
Q (Min.)
L/Q Freq.
Typical SRF
DC Resistance Max Rated Current
L-14C56N#V4T
56.0 nH
±5% ±10%
12
100 MHz
1100 MHz
1.00
300 mA
L-14C68N#V4T
68.0 nH
±5% ±10%
12
100 MHz
1000 MHz
1.10
300 mA
L-14C82N#V4T
82.0 nH
±5% ±10%
12
100 MHz
850 MHz
1.20
300 mA
L-14CR10#V4T
100 nH
±5% ±10%
12
100 MHz
750 MHz
1.20
300 mA
L-14CR12#V4T
120 nH
±5% ±10%
8
50 MHz
700 MHz
1.30
300 mA
L-14CR15#V4T
150 nH
±5% ±10%
8
50 MHz
650 MHz
1.40
300 mA
L-14CR18#V4T
180 nH
±5% ±10%
8
50 MHz
550 MHz
1.50
300 mA
L-14CR22#V4T
220 nH
±5% ±10%
8
50 MHz
450 MHz
1.70
300 mA




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl