Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4802B Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4802B
Description  Audio Power Amplifier Series Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4802B Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4802B_14 Datasheet HTML 3Page - Texas Instruments LM4802B_14 Datasheet HTML 4Page - Texas Instruments LM4802B_14 Datasheet HTML 5Page - Texas Instruments LM4802B_14 Datasheet HTML 6Page - Texas Instruments LM4802B_14 Datasheet HTML 7Page - Texas Instruments LM4802B_14 Datasheet HTML 8Page - Texas Instruments LM4802B_14 Datasheet HTML 9Page - Texas Instruments LM4802B_14 Datasheet HTML 10Page - Texas Instruments LM4802B_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1
2
3
4
4.5
OUTPUT VOLTAGE (Vrms)
0
20
40
60
80
100
120
140
160
0.5
0
20
40
60
80
100 120 140 160
AMBIENT TEMPERATURE (C)
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
1
2
3
4
5
OUTPUT VOLTAGE (Vrms)
0
50
100
150
200
0
VI = 6.1V
VI = 5.8V
VI = 5.0V
0
20
40
60
80
100 120 140 160
AMBIENT TEMPERATURE (C)
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
20
20k
FREQUENCY (Hz)
-100
+0
10k
1k
2k
5k
50 100 200 500
-90
-80
-70
-60
-50
-40
-30
-20
-10
-95
-85
-75
-65
-55
-45
-35
-25
-15
-5
LM4802B, LM4802BLQBD
www.ti.com
SNAS243C – MAY 2004 – REVISED MARCH 2005
Typical Performance Characteristics (continued)
PSRR vs Frequency
Power Derating Curve - WQFN
V1 = 6.1V, ZL = 2μF + 30Ω,
PDMAX = 150mW
Vripple = 200mVpp, AV-BTL = 26dB
VDD = 3.0V, ZL = 2μF + 30Ω
Figure 15.
Figure 16.
Power Derating Curve - WQFN
PDMAX = 136mW
Power Dissipation vs Output Voltage
VDD = 4.2V, ZL = 2μF + 30Ω
VDD = 3.0V, ZL = 2μF + 30Ω
Figure 17.
Figure 18.
Power Dissipation vs Output Voltage
VDD = 4.2V, ZL = 2μF + 30Ω
Amplifier Open Loop
From top to bottom: V1 = 6.1V, V1 = 5.8V, V1 = 5.0V
Frequency Response
Figure 19.
Figure 20.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4802B LM4802BLQBD


Similar Part No. - LM4802B_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4802BLQ NSC-LM4802BLQ Datasheet
1Mb / 17P
   Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
More results

Similar Description - LM4802B_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4802B NSC-LM4802B Datasheet
1Mb / 17P
   Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4766 NSC-LM4766 Datasheet
477Kb / 14P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
Fairchild Semiconductor
KSD1047 FAIRCHILD-KSD1047 Datasheet
52Kb / 5P
   Audio Power Amplifier DC to DC Converter
logo
Texas Instruments
LM4781 TI1-LM4781_14 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
[Old version datasheet]    Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4781 TI1-LM4781 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
[Old version datasheet]   Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
LM48311 TI1-LM48311 Datasheet
885Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series
LM48901 TI-LM48901 Datasheet
821Kb / 51P
[Old version datasheet]   Audio Power Amplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com