Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4802BLQBD Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4802BLQBD
Description  Audio Power Amplifier Series Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4802BLQBD Datasheet(HTML) 3 Page - Texas Instruments

  LM4802BLQBD Datasheet HTML 1Page - Texas Instruments LM4802BLQBD Datasheet HTML 2Page - Texas Instruments LM4802BLQBD Datasheet HTML 3Page - Texas Instruments LM4802BLQBD Datasheet HTML 4Page - Texas Instruments LM4802BLQBD Datasheet HTML 5Page - Texas Instruments LM4802BLQBD Datasheet HTML 6Page - Texas Instruments LM4802BLQBD Datasheet HTML 7Page - Texas Instruments LM4802BLQBD Datasheet HTML 8Page - Texas Instruments LM4802BLQBD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM4802B, LM4802BLQBD
www.ti.com
SNAS243C – MAY 2004 – REVISED MARCH 2005
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VDD)
6.0V
Supply Voltage (V1)
6.5V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD + 0.3V
Power Dissipation(3)
Internally limited
ESD Susceptibility(4)
2000V
ESD Susceptibility(5)
200V
Junction Temperature
125°C
Thermal Resistance
θJA (WQFN)
59°C/W
See AN-1187 'WQFN Packaging (WQFN).'
(1)
All voltages are measured with respect to the GND pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which guarantee specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not guaranteed for parameters where no limit is given, however, the typical value is a good
indication of device performance.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX − TA) / θJA or the given in Absolute Maximum Ratings, whichever is
lower.
(4)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(5)
Machine Model, 220pF–240pF discharged through all pins.
Operating Ratings
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Temperature Range
Supply Voltage (VDD)
2.7V
≤ VDD ≤ 5.5V
Supply Voltage (V1)
2.7V
≤ V1 ≤ 6.1V
Electrical Characteristics VDD = 4.2V
(1) (2)
The following specifications apply for VDD = 4.2V, AV-BTL = 26dB, ZL = 2µF+30Ω, CB = 1.0µF, R1 = 56kΩ, R2 = 15kΩ unless
otherwise specified. Limits apply for TA = 25°C. See Figure 2.
Symbol
Parameter
Conditions
LM4802B
Units
(Limits)
Typical(3)
Limit(4)(5)
IDD
Quiescent Power Supply Current
VIN = 0, RLOAD = ∞
12
22
mA (max)
ISD
Shutdown Current
VSHUTDOWN = GND
(6) (7)
0.1
2
µA (max)
VSDIH
Shutdown Voltage Input High
SD1
1.5
V (min)
SD2
1.4
VSDIL
Shutdown Voltage Input Low
SD1
0.5
V (max)
SD2
0.4
TWU
Wake-up Time
CB = 1.0µF
80
110
msec (max)
VOS
Output Offset Voltage
5
40
mV (max)
TSD
Thermal Shutdown Temperature
125
°C (min)
THD = 1% (max), f = 1kHz,
VOUT
Output Voltage Swing
12
11
Vpp (min)
Mono BTL
THD+N
Total Harmomic Distortion + Noise
VOUT = 10Vp-p, f = 1kHz
0.05
1
%
(1)
All voltages are measured with respect to the GND pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which guarantee specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not guaranteed for parameters where no limit is given, however, the typical value is a good
indication of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are guaranteed to Texas Instruments' AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
(6)
Shutdown current is measured at an ambient temperature of 25°C. The Shutdown pin should be driven as close as possible to Vin for
minimum shutdown current.
(7)
Shutdown current is measured with components R1 and R2 removed.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4802B LM4802BLQBD


Similar Part No. - LM4802BLQBD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4802BLQ NSC-LM4802BLQ Datasheet
1Mb / 17P
   Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
More results

Similar Description - LM4802BLQBD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4802B NSC-LM4802B Datasheet
1Mb / 17P
   Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4766 NSC-LM4766 Datasheet
477Kb / 14P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
Fairchild Semiconductor
KSD1047 FAIRCHILD-KSD1047 Datasheet
52Kb / 5P
   Audio Power Amplifier DC to DC Converter
logo
Texas Instruments
LM4781 TI1-LM4781_14 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
[Old version datasheet]    Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4781 TI1-LM4781 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
[Old version datasheet]   Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
LM48311 TI1-LM48311 Datasheet
885Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series
LM48901 TI-LM48901 Datasheet
821Kb / 51P
[Old version datasheet]   Audio Power Amplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com