Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4819 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM4819
Description  350mW Audio Power Amplifier with Shutdown Mode
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4819 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4819_14 Datasheet HTML 5Page - Texas Instruments LM4819_14 Datasheet HTML 6Page - Texas Instruments LM4819_14 Datasheet HTML 7Page - Texas Instruments LM4819_14 Datasheet HTML 8Page - Texas Instruments LM4819_14 Datasheet HTML 9Page - Texas Instruments LM4819_14 Datasheet HTML 10Page - Texas Instruments LM4819_14 Datasheet HTML 11Page - Texas Instruments LM4819_14 Datasheet HTML 12Page - Texas Instruments LM4819_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LM4819, LM4819MBD
www.ti.com
SNAS133C – MAY 2004 – REVISED OCTOBER 2004
Typical Performance Characteristics (continued)
Power Dissipation vs
Power Dissipation vs
Output Power
Output Power
VDD = 5V
VDD = 3V
Frequency Response vs
Power Derating Curves
Input Capacitor Size
Supply Current vs
Supply Voltage
Application Information
BRIDGE CONFIGURATION EXPLANATION
As shown in Figure 1, the LM4819 consist of two operational amplifiers. External resistors, Ri and RF set the
closed-loop gain of the first amplifier (and the amplifier overall), whereas two internal 20k
Ω resistors set the
second amplifier's gain at -1. The LM4819 is typically used to drive a speaker connected between the two
amplifier outputs.
Figure 1 shows that the output of Amp1 servers as the input to Amp2, which results in both amplifiers producing
signals identical in magnitude but 180° out of phase. Taking advantage of this phase difference, a load is placed
between V01 and V02 and driven differentially (commonly referred to as "bridge mode"). This results in a
differential gain of
AVD= 2 *(Rf/Ri)
(1)
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4819 LM4819MBD


Similar Part No. - LM4819_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4819 TI-LM4819_15 Datasheet
1Mb / 27P
[Old version datasheet]   350mW Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4819_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
   350mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
   350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4819 UTC-PA4819 Datasheet
280Kb / 7P
   350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4818 NSC-LM4818 Datasheet
431Kb / 16P
   350mW Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4819 TI-LM4819_15 Datasheet
1Mb / 27P
[Old version datasheet]   350mW Audio Power Amplifier with Shutdown Mode
LM4819MBD TI1-LM4819MBD Datasheet
1Mb / 27P
[Old version datasheet]   350mW Audio Power Amplifier with Shutdown Mode
LM4819MX TI-LM4819MX Datasheet
1Mb / 27P
[Old version datasheet]   LM4819 350mW Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com