Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4906 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4906
Description  1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4906 Datasheet(HTML) 5 Page - Texas Instruments

  LM4906_14 Datasheet HTML 1Page - Texas Instruments LM4906_14 Datasheet HTML 2Page - Texas Instruments LM4906_14 Datasheet HTML 3Page - Texas Instruments LM4906_14 Datasheet HTML 4Page - Texas Instruments LM4906_14 Datasheet HTML 5Page - Texas Instruments LM4906_14 Datasheet HTML 6Page - Texas Instruments LM4906_14 Datasheet HTML 7Page - Texas Instruments LM4906_14 Datasheet HTML 8Page - Texas Instruments LM4906_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LM4906, LM4906LDBD, LM4906MMBD
www.ti.com
SNAS191D – MAY 2004 – REVISED JANUARY 2005
Electrical Characteristics VDD = 3V
(1) (2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for TA = 25°C.
LM4906
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
VIN = 0V, Io = 0A, No Load
2.6
6
mA (max)
IDD
Quiescent Power Supply Current
VIN = 0V, Io = 0A, 8Ω Load
3
7
mA (max)
ISD
Shutdown Current
VSD = GND
0.1
2
µA (max)
VOS
Output Offset Voltage
7
35
mV (max)
THD+N = 1% (max); f = 1 kHz
Po
Output Power
390
mW
RL = 8Ω
TWU
Wake-up time
4
ms
THD+N
Total Harmonic Distortion+Noise
Po = 0.15 Wrms; f = 1kHz
0.1
%
Vripple = 200mV sine p-p
71 (f = 217Hz)
PSRR
Power Supply Rejection Ratio
Input terminated with 10
73 (f = 1kHz)
dB
Gain at 6dB
VSDIH
Shutdown Voltage Input High
SD Pin High = Part On
1.1
V (min)
VSDIL
Shutdown Voltage Input Low
SD Pin Low = Part Off
0.9
V (max)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given; however, the typical value is a good indication
of device performance.
(2)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
External Components Description
Components
Functional Description
1.
C2
Input coupling capacitor which blocks the DC voltage at the amplifiers input terminals. Also creates a highpass filter with
Ri at fc = 1 / (2πRiCi). Refer to the section, AUDIO POWER AMPLIFIER DESIGN, for an explanation of how to
determine the value of Ci.
2.
C1
Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply Bypassing section for
information concerning proper placement and selection of the supply bypass capacitor.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4906 LM4906LDBD LM4906MMBD


Similar Part No. - LM4906_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4906LD NSC-LM4906LD Datasheet
468Kb / 15P
   1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
LM4906MM NSC-LM4906MM Datasheet
468Kb / 15P
   1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
Texas Instruments
LM4906MM/NOPB TI1-LM4906MM/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
More results

Similar Description - LM4906_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4906 NSC-LM4906 Datasheet
468Kb / 15P
   1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
Texas Instruments
LM4906 TI1-LM4906 Datasheet
1Mb / 22P
[Old version datasheet]   1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
logo
Unisonic Technologies
PA3212 UTC-PA3212_15 Datasheet
479Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Texas Instruments
TS4994 TI-TS4994_06 Datasheet
485Kb / 35P
[Old version datasheet]   1W differential input/output audio power amplifier with selectable standby
logo
ON Semiconductor
NCP2821 ONSEMI-NCP2821 Datasheet
247Kb / 19P
   2.65 W Filterless with Selectable Gain Class?묭 Audio Amplifier
February, 2006 ??Rev. 0
logo
Unisonic Technologies
PA3312 UTC-PA3312 Datasheet
238Kb / 10P
   DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
NXP Semiconductors
SA58780 PHILIPS-SA58780 Datasheet
137Kb / 15P
   Sense current amplifier with selectable gain
2003 Nov 10
logo
STMicroelectronics
TDA7233S STMICROELECTRONICS-TDA7233S Datasheet
65Kb / 6P
   1W AUDIO AMPLIFIER WITH MUTE
TDA7233D013TR STMICROELECTRONICS-TDA7233D013TR Datasheet
371Kb / 8P
   1W AUDIO AMPLIFIER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com