Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4935 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM4935
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4935_14 Datasheet HTML 4Page - Texas Instruments LM4935_14 Datasheet HTML 5Page - Texas Instruments LM4935_14 Datasheet HTML 6Page - Texas Instruments LM4935_14 Datasheet HTML 7Page - Texas Instruments LM4935_14 Datasheet HTML 8Page - Texas Instruments LM4935_14 Datasheet HTML 9Page - Texas Instruments LM4935_14 Datasheet HTML 10Page - Texas Instruments LM4935_14 Datasheet HTML 11Page - Texas Instruments LM4935_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
LM4935, LM4935RLEVAL
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
www.ti.com
3
Electric Specifications
3.1
Absolute Maximum Ratings
(1) (2) (3)
Analog Supply Voltage (A_VDD & LS_VDD)
6.0V
Digital Supply Voltage (BB_VDD & D_VDD & PLL_VDD)
6.0V
Storage Temperature
−65°C to +150°C
Power Dissipation(4)
Internally Limited
ESD Susceptibility
Human Body Model(5)
2500V
Machine Model(6)
200V
Junction Temperature
150°C
Thermal Resistance
θJA – DSBGA (soldered down to PCB with 2in
2 1oz. copper
plane)
60°C/W
Soldering Information
(1)
All voltages are measured with respect to the relevant VSS pin unless otherwise specified. All grounds should be coupled as close as
possible to the device.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits.Characteristics state DC and AC electrical specifications
under particular test conditions which ensure specific performance limits. This assumes that the device is within the Operating Ratings.
Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication of device
performance.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
The maximum power dissipation must be de-rated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX – TA)/ θJA or the number given in Absolute Maximum Ratings,
whichever is lower.
(5)
Human body model: 100pF discharged through a 1.5k
Ω resistor.
(6)
Machine model: 220pF – 240pF discharged through all pins.
3.2
Operating Ratings
Temperature Range
−40°C to +85°C
Supply Voltage
D_VDD/PLL_VDD
2.7V to 4.5V
BB_VDD
1.8V to 4.5V
LS_VDD/A_VDD
2.7V to 5.5V
8
Electric Specifications
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL


Similar Part No. - LM4935_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49350 NSC-LM49350 Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM49350 TI-LM49350 Datasheet
2Mb / 108P
[Old version datasheet]   LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
logo
National Semiconductor ...
LM49350RL NSC-LM49350RL Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM49350RL/NOPB TI-LM49350RL/NOPB Datasheet
2Mb / 108P
[Old version datasheet]   LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
LM49350RLEVAL TI-LM49350RLEVAL Datasheet
2Mb / 108P
[Old version datasheet]   LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
More results

Similar Description - LM4935_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4935 TI1-LM4935 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
logo
National Semiconductor ...
LM4935 NSC-LM4935 Datasheet
4Mb / 112P
   Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
logo
Texas Instruments
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
National Semiconductor ...
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
   Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
National Semiconductor ...
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
   Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
logo
Texas Instruments
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
[Old version datasheet]   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com