Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A165S-T2A-2 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # A165S-T2A-2
Description  Separate Construction with Cylindrical 16-dia. Body
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165S-T2A-2 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button A165S-T2A-2 Datasheet HTML 3Page - Omron Electronics LLC A165S-T2A-2 Datasheet HTML 4Page - Omron Electronics LLC A165S-T2A-2 Datasheet HTML 5Page - Omron Electronics LLC A165S-T2A-2 Datasheet HTML 6Page - Omron Electronics LLC A165S-T2A-2 Datasheet HTML 7Page - Omron Electronics LLC A165S-T2A-2 Datasheet HTML 8Page - Omron Electronics LLC A165S-T2A-2 Datasheet HTML 9Page - Omron Electronics LLC A165S-T2A-2 Datasheet HTML 10Page - Omron Electronics LLC A165S-T2A-2 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
A165S/W
7
Ordering Information
Screw-less Clamp Connector Socket Unit Set
Note: The 100-V models and 200-V models have a 24-VAC/VDC
circuit built in.
Ordering Individually
Switches
Lamps
Accessories and Tools (Order Separately)
Accessories
Tools
Appearance
Classification
Model
Remarks
Standard
loads and
microloads
2 notches
DPDT
Non-lighted
A16-2S
Used for Pushbutton
Switches and
Knob-type Selector
Switches.
Lighted
No voltage-reduction lighting
A16L-
∆-@-2S
Voltage-reduction
lighting
100/110 VAC/VDC
A16L-
∆-T1-2S
200/220 VAC/VDC
A16L-
∆-T2-2S
3 notches
DPDT
Non-lighted
A16S-3N-2LS
Lighted
No voltage-reduction lighting
A16W-3N
∆-@-2S
Voltage-reduction
lighting
100/110 VAC/VDC
A16W-3N-
∆-T1-2S
200/220 VAC/VDC
A16W-3N-
∆-T2-2S
Appearance
Classification
Model
Lighted
Socket (without
voltage-reduction
lighting)
2 notches
SPDT
Solder terminal
A16S-2N-1L
DPDT
A16S-2N-2L
3 notches
DPDT
A16S-3N-2L
Non-lighted
2 notches
SPDT
A16S-2N-1
DPDT
A16S-2N-2
3 notches
DPDT
A16S-3N-2
Lighted
2 notches
SPDT
PCB terminal
A16S-2N-1LP
DPDT
A16S-2N-2LP
Non-lighted
SPDT
A16S-2N-1P
DPDT
A16S-2N-2P
Operating voltage
Light color
Super-bright
5 VDC
12 VAC/VDC
24 VAC/VDC
Red
A16-5DSR
A16-12DSR
A16-24DSR
Yellow
A16-5DSY
A16-12DSY
A16-24DSY
Green
A16-5DSG
A16-12DSG
A16-24DSG
Name
Appearance
Classification
Model
Remarks
Panel Plugs
Rectangular
A16ZJ-3003
Used for covering the panel cut-
outs for future panel expansion.
Degree of protection: IP40
Square
A16ZA-3003
Round
A16ZT-3003
Name
Appearance
Model
Applicable types
Remarks
Pushbutton
Switch
Knob-type
Selector Switch
Key-type
Selector Switch
Emergency
Stop Switch
Indicator
Screw Fitting
A16Z-3004
Yes
Yes
Yes
Yes
Yes
Convenient for
ganged installation.
Tighten to a torque of
0.39 N·m min.
Extractor
A16Z-5080
Yes
Yes
Yes
Yes
Yes
Convenient for
extracting the
Switches and Lamps.
Insert symbols in
∆ and @.
@
Symbol
Light color
Symbol
Type
Operating voltage
R
Red
5D
LED
5 VDC
Y
Yellow
12D
12 VAC/VDC
G
Green
24D
24 VAC/VDC
Ordering as a Set: Refer to page 3.
■ Specifications and dimensions: Refer to pages 8 to 10.
■ Accessories, replacements, and tools: Refer to this page


Similar Part No. - A165S-T2A-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
More results

Similar Description - A165S-T2A-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16L-AG OMRON-A16L-AG Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16ZA-5050 OMRON-A16ZA-5050 Datasheet
1Mb / 27P
   Separate Construction with Cylindrical 16-dia. Body
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165K OMRON-A165K Datasheet
1Mb / 14P
   Separate Construction with Cylindrical 16-dia. Body
M16 OMRON-M16 Datasheet
3Mb / 12P
   Cylindrical 16-dia. Indicator
M2BJ-B06 OMRON-M2BJ-B06 Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
M2BJ OMRON-M2BJ Datasheet
814Kb / 7P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com