Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A165S-T2A-2 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # A165S-T2A-2
Description  Separate Construction with Cylindrical 16-dia. Body
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165S-T2A-2 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button A165S-T2A-2 Datasheet HTML 4Page - Omron Electronics LLC A165S-T2A-2 Datasheet HTML 5Page - Omron Electronics LLC A165S-T2A-2 Datasheet HTML 6Page - Omron Electronics LLC A165S-T2A-2 Datasheet HTML 7Page - Omron Electronics LLC A165S-T2A-2 Datasheet HTML 8Page - Omron Electronics LLC A165S-T2A-2 Datasheet HTML 9Page - Omron Electronics LLC A165S-T2A-2 Datasheet HTML 10Page - Omron Electronics LLC A165S-T2A-2 Datasheet HTML 11Page - Omron Electronics LLC A165S-T2A-2 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
A165S/W
8
Specifications
Approved Standard Ratings
Ratings
Switch Ratings
Minimum applicable load: 1 mA at 5 VDC
Rated values are obtained from tests conducted under the following conditions.
1. Load: Resistive load
2. Mounting conditions: No vibration and no shock
3. Temperature: 20
±2°C
4. Operating frequency: 20 times/min
Contact Form
Super-bright LED
Characteristics
Socket Unit
* With LED not mounted.
(Perform testing with the LED not mounted.)
Screw-less Clamp
Operating Characteristics
UL, cUL (File No. E41515)
TÜV (EN60947-5-1) (Low Voltage Directive)
CCC (GB14048.5)
5 A at 125 VAC, 3 A at 250 VAC (general use)
3 A at 30 VDC (resistive)
Note: Certification has been obtained for the Socket Unit.
For detailed information on individual products that
have received certification, consult your supplier.
3 A at 250 VAC
3 A at 30 VDC
5 A at 125 VAC
3 A at 250 VAC
3 A at 30 VDC
Rated voltage
Resistive load
125 VAC
5 A
250 VAC
3 A
30 VDC
3 A
Name
Contact form
SPDT
Rated
voltage
Rated
current
Operating
voltage
Internal limiting
resistor
5 VDC
8 mA
5 VDC
±5%
Red, yellow: 300
Ω
Green: 160
Ω
12 VAC/VDC
12 VAC/VDC
±5%
Red, yellow: 1 k
Ω
Green: 910
Ω
24 VAC/VDC
24 VAC/VDC
±5%
2.4 k
Ω
COM
NC
NO
Item
Type
Knob-type Selector Switch
Allowable
operating
frequency
Mechanical
20 operations/minute max.
Electrical
10 operations/minute max.
Insulation resistance
100 M
Ω min. (at 500V DC)
Contact resistance
100 m
Ω max. (initial value)
Dielectric
strength
Between termi-
nals of same
polarity
1,000 VAC, 50/60 Hz for 1 min
Between ter-
minals of dif-
ferent polarity
2,000 VAC, 50/60 Hz for 1 min
Between each
terminal and
ground
2,000 VAC, 50/60 Hz for 1 min
Between lamp
terminals
1,000 VAC, 50/60 Hz for 1 min*
Vibration
resistance
Malfunction
10 to 55 Hz, 1.5-mm double amplitude
(malfunction within 1 ms)
Shock
resistance
Destruction
500 m/s2 max.
Malfunction
150 m/s2 max.
(malfunction within 1 ms)
Durability
Mechanical
250,000 operations min.
Electrical
100,000 operations min.
Electric shock protection
class
Class II
PTI (tracking characteristic) 175
Degree of contamination
3 (IEC60947-5-1)
Weight
Approx. 13 g
(in the case of a lighted DPDT switch)
Ambient operating
temperature
−10°C to 55°C
(with no icing or condensation)
Ambient operating
humidity
35% to 85%RH
Ambient storage
temperature
−25°C to 65°C
(with no icing or condensation)
Item
Type
Screw-less Clamp
Recommended
wire size
0.5 mm2 twisted wire or 0.8 mm-dia. solid wire
Usable
wires
and
tensile
strength
Twisted
wire
0.3 mm2
0.5 mm2
0.75 mm2
1.25 mm2
Solid
wire
0.5 mm dia. 0.8 mm dia. 1.0 mm dia.
---
Tensile
strength
10 N
20 N
30 N
40 N
Length of exposed
wire
10
±1 mm
Compliant
standards
JIS C 2811 Terminal Blocks for Industrial Use
Type
Characteristics
Knob-type Selector Switch
2 notches
3 notches
Operating force (OF) max.
0.1 N·m
Set position (SP)
90
±5°
45
°+10
0


Similar Part No. - A165S-T2A-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
More results

Similar Description - A165S-T2A-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16L-AG OMRON-A16L-AG Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16ZA-5050 OMRON-A16ZA-5050 Datasheet
1Mb / 27P
   Separate Construction with Cylindrical 16-dia. Body
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165K OMRON-A165K Datasheet
1Mb / 14P
   Separate Construction with Cylindrical 16-dia. Body
M16 OMRON-M16 Datasheet
3Mb / 12P
   Cylindrical 16-dia. Indicator
M2BJ-B06 OMRON-M2BJ-B06 Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
M2BJ OMRON-M2BJ Datasheet
814Kb / 7P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com