Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4985 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM4985
Description  LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4985 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4985_14 Datasheet HTML 4Page - Texas Instruments LM4985_14 Datasheet HTML 5Page - Texas Instruments LM4985_14 Datasheet HTML 6Page - Texas Instruments LM4985_14 Datasheet HTML 7Page - Texas Instruments LM4985_14 Datasheet HTML 8Page - Texas Instruments LM4985_14 Datasheet HTML 9Page - Texas Instruments LM4985_14 Datasheet HTML 10Page - Texas Instruments LM4985_14 Datasheet HTML 11Page - Texas Instruments LM4985_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
LM4985, LM4985TMEVAL
SNAS346B – MAY 2006 – REVISED MAY 2006
www.ti.com
Electrical Characteristics VDD = 2.5V
(1)(2) (continued)
The following specifications apply for RL = 16Ω, f = 1kHz, and CB = 4.7µF unless otherwise specified. Limits apply to TA =
25°C.
Symbol
Parameter
Conditions
LM4985
Units
(Limits)
Typ(3)
Limit(4)(5)
RLOAD = 16Ω OCL, PO = 26mW
0.07
RLOAD = 16Ω C-CUPL, PO = 20mW
0.05
THD+N
Total Harmonic Distortion + Noise
%
RLOAD = 32Ω OCL, PO = 16mW
0.06
RLOAD = 32Ω C-CUPL, PO = 15mW
0.04
VON
Output Noise Voltage
VIN = AC GND, AV = 0dB, A-weighted
10
µV
VRIPPLE = 200mVp-p
(6)
fIN = 217Hz sinewave
OCL
75
C-CUPL
59
PSRR
Power Supply Rejection Ratio
dB
fIN = 1kHz sinewave
OCL
75
C-CUPL
59
Pout = 20mW, OCL
RLOAD = 16Ω
50
dB
RLOAD= 32Ω
55
Xtalk
Channel-to-Channel Crosstalk
Pout = 20mW. C-CUPL
RLOAD = 16Ω
58
dB
RLOAD= 32Ω
67
CBYPASS = 4.7µF
(7)
WT1 = 0, WT0 = 0
OCL
66
C-CUPL
214
WT1 = 0, WT0 = 1
OCL
92
TWU
Wake Up Time from Shutdown
C-CUPL
544
msec
WT1 = 1, WT0 = 0
OCL
145
C-CUPL
1053
WT1 = 1, WT0 = 1
OCL
250
C-CUPL
2098
Stereo mode
20
RIN
Input Resistance
k
Mono mode
10
AVMIN
Minimum Gain
Code = 00000
–76
dB
AVMAX
Maximum Gain
Code = 11111
18
dB
18dB
≥ AV ≥ –44dB
± 0.5
ΔAV
Gain Accuracy per Step
dB
–44dB
≥ AV > –76dB
± 1.0
OCL
VOS
Output Offset Voltage
RLOAD = 32Ω
2.0
mV
VIN = AC GND
(6)
10
Ω terminated input.
(7)
The wake-up time (TWU) is calculated using the following formula; TWU = [CBYPASS (VDD) / 2 (IBYPASS)] + 40ms.
External Components Description
(See Figure 2)
Components
Functional Description
1.
CI
Input coupling capacitor which blocks the DC voltage at the amplifier's input terminals. Also creates a high-pass filter
with Ri at fc = 1/(2πRiCi). Refer to the section Proper Selection of External Components, for an explanation of how to
determine the value of Ci.
2.
CS
Supply bypass capacitor which provides power supply filtering. Refer to the POWER SUPPLY BYPASSING section for
information concerning proper placement and selection of the supply bypass capacitor.
8
Submit Documentation Feedback
Copyright © 2006, Texas Instruments Incorporated
Product Folder Links: LM4985 LM4985TMEVAL


Similar Part No. - LM4985_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4985TM NSC-LM4985TM Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
More results

Similar Description - LM4985_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4985 NSC-LM4985 Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4912 NSC-LM4912 Datasheet
699Kb / 14P
   Stereo 40mW Low Noise Headphone Amplifier
logo
Texas Instruments
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
[Old version datasheet]   Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com