Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22-XD-S-X1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # M22-XD-S-X1
Description  Pushbuttons and Indicating Lights
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-XD-S-X1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button M22-XD-S-X1 Datasheet HTML 3Page - List of Unclassifed Manufacturers M22-XD-S-X1 Datasheet HTML 4Page - List of Unclassifed Manufacturers M22-XD-S-X1 Datasheet HTML 5Page - List of Unclassifed Manufacturers M22-XD-S-X1 Datasheet HTML 6Page - List of Unclassifed Manufacturers M22-XD-S-X1 Datasheet HTML 7Page - List of Unclassifed Manufacturers M22-XD-S-X1 Datasheet HTML 8Page - List of Unclassifed Manufacturers M22-XD-S-X1 Datasheet HTML 9Page - List of Unclassifed Manufacturers M22-XD-S-X1 Datasheet HTML 10Page - List of Unclassifed Manufacturers M22-XD-S-X1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
7
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Non-Illuminated Pushbuttons, Flush, Momentary
Components
Button Plates
Buttonless Operator
Contact Blocks
Notes
For complete listing of available button plates and contact blocks, see Accessories,
Pages 59–64.
Minimum order quantity of (10).
When ordering, specify inscription per catalog number suffix from the symbols library (see
Pages 77–84) into the Order Notes. For example, M22-XD-S-ETCH; Order Notes: Mark with
symbol X91, Line item #_.
Discount Symbol: 1CD1.
max.
5mm
thick
ness
Note: Included
with operator.
Color
Inscription
Catalog
Number
Price
U.S. $
Black
M22-XD-S
1.00
Custom
M22-XD-S-ETCH
2.00
STOP
M22-XD-S-GB0
2.00
START
M22-XD-S-GB1
2.00
CLOSE
M22-XD-S-GB2
2.00
UP
M22-XD-S-GB3
2.00
DOWN
M22-XD-S-GB4
2.00
OFF
M22-XD-S-GB5
2.00
ON
M22-XD-S-GB6
2.00
TEST
M22-XD-S-GB9
2.00
FORWARD
M22-XD-S-GB15
2.00
REVERSE
M22-XD-S-GB16
2.00
RAISE
M22-XD-S-GB17
2.00
LOWER
M22-XD-S-GB18
2.00
M22-XD-S-X0
2.00
M22-XD-S-X1
2.00
M22-XD-S-X4
2.00
M22-XD-S-X5
2.00
M22-XD-S-X7
2.00
Red
M22-XD-R
1.00
Custom
M22-XD-R-ETCH
2.00
STOP
M22-XD-R-GB0
2.00
OFF
M22-XD-R-GB5
2.00
M22-XD-R-X0
2.00
Green
M22-XD-G
1.00
Custom
M22-XD-G-ETCH
2.00
START
M22-XD-G-GB1
2.00
ON
M22-XD-G-GB6
2.00
M22-XD-G-X1
2.00
Blue
M22-XD-B
1.00
Custom
M22-XD-B-ETCH
2.00
RESET
M22-XD-B-GB14
2.00
M22-XD-B-X6
2.00
White
M22-XD-W
1.00
Custom
M22-XD-W-ETCH
2.00
START
M22-XD-W-GB1
2.00
M22-XD-W-X1
2.00
Yellow
M22-XD-Y
1.00
Custom
M22-XD-Y-ETCH
2.00
Black, Red,
Green
M22-XD-SRG
2.50
Black, White,
Red, Green,
Yellow, Blue
M22-XD-SWRGYB
5.00
M22-XD-G
Bezel
Catalog
Number
Price
U.S. $
Silver
M22-D-X
6.50
Black
M22S-D-X
5.00
Silver Guarded
M22-DG-X
14.00
Terminal
Type
Contact
Configuration
Catalog
Number
Price
U.S. $
Screw
NO
M22-K10
10.00
NO, Early-Make
M22-K10P
11.00
NC
M22-K01
10.00
NC, Late-Break
M22-K01D
11.00
Spring-Cage
NO
M22-CK10
13.00
NC
M22-CK01
13.00
NC, Late-Break
M22-CK01D
11.00
2NO
M22-CK20
23.00
2NC
M22-CK02
23.00
NO-NC
M22-CK11
23.00
M22-D-X
M22S-D-X
M22-DG-X
M22-K10


Similar Part No. - M22-XD-S-X1

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
M22-XBK1 EATON-M22-XBK1 Datasheet
52Kb / 2P
   Eaton M22 modular pushbutton legend plate, Complete, 22.5 mm, Button: Yellow, Inscription: EMERGENCY-STOP four-language, IP66, NEMA 4X, 13..
More results

Similar Description - M22-XD-S-X1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M22-R10K ETC2-M22-R10K Datasheet
5Mb / 89P
   Pushbuttons and Indicating Lights
M22S-WLKV-W ETC2-M22S-WLKV-W Datasheet
178Kb / 4P
   Pushbuttons and Indicating Lights
logo
Siemens Semiconductor G...
3SB3 SIEMENS-3SB3 Datasheet
8Mb / 80P
   3SB3 Pushbuttons and Indicator Lights, 22 mm
10 - 2012
logo
OSRAM GmbH
LTQ39G-Q1OO-25-1 OSRAM-LTQ39G-Q1OO-25-1 Datasheet
1Mb / 20P
   Pushbuttons and Switches
LRQ396-P1Q2-1 OSRAM-LRQ396-P1Q2-1 Datasheet
1Mb / 20P
   Pushbuttons and Switches
logo
Molex Electronics Ltd.
130127-0001 MOLEX2-130127-0001 Datasheet
46Kb / 1P
   Super-Safeway짰 3-Wire Circuit Tester, 3 Indicating Lights
1301270003 MOLEX11-1301270003 Datasheet
39Kb / 1P
   Super-Safeway Three Wire & GFCI Circuit Tester, 3 Indicating Lights
130127-0003 MOLEX11-130127-0003 Datasheet
39Kb / 1P
   Super-Safeway Three Wire & GFCI Circuit Tester, 3 Indicating Lights
130127-0003 MOLEX2-130127-0003 Datasheet
39Kb / 1P
   Super-Safeway짰 3-Wire & GFCI Circuit Tester, 3 Indicating Lights
1301270005 MOLEX11-1301270005 Datasheet
38Kb / 1P
   Super-Safeway Three Wire Circuit Tester, 3 Indicating Lights & Ground Continuity Tester
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com