Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDK-LH79524-10-3216R Datasheet(PDF) 2 Page - LOGIC Devices Incorporated

Part # SDK-LH79524-10-3216R
Description  ZOOM??SDK Development Kit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

SDK-LH79524-10-3216R Datasheet(HTML) 2 Page - LOGIC Devices Incorporated

  SDK-LH79524-10-3216R Datasheet HTML 1Page - LOGIC Devices Incorporated SDK-LH79524-10-3216R Datasheet HTML 2Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
embedded product solutions
411 N. Washington Ave. Suite 400  Minneapolis, MN 55401
T : 
612.672.9495   F : 612.672.9489   I : www.logicpd.com   
PN: 70000021 Rev G
© 2008 Logic Product Development. All rights reserved.
Product Features
2
Card Engine Included
+ 
Includesassociated SOM Card Engine
LCD Display Connector
+ 
Integrated LCD, touch, and backlight  
connector for Zoom Display Kits
Audio3
+ 
Stereo input and output jacks
Network Support
+ 
One RJ45 Ethernet jack connector  
with magnetics (application/debug)
PC Card Expansion
+ 
CompactFlash® Type I card (memory-mapped 
mode only)
USB3
+ 
One USB 2.0 full-speed host
+ 
One USB 2.0 full-speed device
Serial Ports
+ 
115.2kbps RS-232 debug serial port
Expansion Headers
+ 
Standard 100 mil pitch header
+ 
Access to all Card Engine signals
Software3
+ 
LogicLoader (bootloader/monitor)
+ 
Windows® Embedded CE and Linux BSPs 
depending on Card Engine support
Cables
+ 
Serial cable (null-modem)
+ 
Ethernet crossover cable
+ 
5 volt power supply (with Europe, Japan, UK, 
& US adapters)
Mechanical
+ 
102 mm wide x 152 mm long x   
16.8 mm high
RoHS Compliant
Notes:
2.  Exact product features depend upon the 
associated SOM.
3.  Please refer to the specific SOM product brief for 
periperhals & software support.
ZOOM Display Kit Ordering Information
Model Number
Sharp LCD PN
Display Size Display Format
LCD Interface Key Features
LCD-3.6-QVGA-10R
LQ036Q1DA01 3.6”
QVGA 320x240
TFT
Color, transmissive w/HRTFT ASIC
LCD-6.4-VGA-10R
LQ64D343
6.4”
VGA 640x480
TFT
Color, transmissive
LOGIC WEBSITE :: DESIGN RESOURCES:
+ 
Logic Technical Support : http://www.logicpd.com/support/
+ 
Technical Discussion Group : http://www.logicpd.com/support/tdg/
+ 
Frequently Asked Questions (FAQ) : http://www.logicpd.com/support/faq/
+ 
For more information contact Logic Sales : product.sales@logicpd.com
ZOOM SDK Ordering Information
Model Number
SOM Configuration
Recommended Resale
SDK-PXA270-520-10-6432R
CENGPXA270-520-10-504HCR
$499
SDK-LH7A404-11-6416R
CENGLH7A404-11-503HCR
$399
SDK-LH79524-10-3216R
CENGLH79524-10-403HCR
$389
SDK-LH75401-11-0204
1
CENGLH75401-11-101HC
$299
SDK-SH7760-10-6416
1
CENGSH7760-10-503HC
$449
Note: 1. These Zoom SDK configurations are non-RoHS compliant. 


Similar Part No. - SDK-LH79524-10-3216R

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SDK-2951 WINCHESTER-SDK-2951 Datasheet
44Kb / 1P
   PLUG
SDK-2963-13 WINCHESTER-SDK-2963-13 Datasheet
110Kb / 1P
   CLIP ASSEMBLY
logo
Festo Corporation.
SDK-3-PK-3 FESTO-SDK-3-PK-3 Datasheet
83Kb / 1P
   End stop limit switch
logo
Winchester Electronics ...
SDK-3933-MC7 WINCHESTER-SDK-3933-MC7 Datasheet
645Kb / 2P
   MINIATURE BAYOWET BULK RECEPTACLE
SDK-3943A WINCHESTER-SDK-3943A Datasheet
601Kb / 2P
   GROUNDING JACK
More results

Similar Description - SDK-LH79524-10-3216R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SDK135 FREESCALE-SDK135 Datasheet
592Kb / 52P
   Embedded SDK (Software Development Kit)
logo
STMicroelectronics
UM0156 STMICROELECTRONICS-UM0156 Datasheet
783Kb / 35P
   SDK-ST10F269 Quick Start Software Development Kit
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
   Development Kit
logo
NXP Semiconductors
56800SDK NXP-56800SDK Datasheet
233Kb / 4P
   Smart Development Tools Embedded SDK for 56800
Rev 3.0
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
   916.5MHz Development kit
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
   CP250X DEVELOPMENT KIT
logo
STMicroelectronics
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
   SensorTile development kit
Rev 8 - March 2019
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
   Qseven Development Kit
6-Jun-2018
logo
List of Unclassifed Man...
C8051F36X ETC2-C8051F36X Datasheet
438Kb / 13P
   C8051F36x DEVELOPMENT KIT
logo
STMicroelectronics
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
   SPIRIT1 development kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com