Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F130R Datasheet(PDF) 2 Page - Fox Electronics

Part # F130R
Description  HCMOS 2.0x1.6mm 3.3V SMD Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F130R Datasheet(HTML) 2 Page - Fox Electronics

  F130R Datasheet HTML 1Page - Fox Electronics F130R Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
59
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .11283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2011 FOX ELECTRONICS | ISO9001:2008 Certified
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
Rev. 3/9/2011
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F130 SERIES
Page 2 of 2
• TAPE SPECIFICATIOnS (millimeters)
MODEL
F130 Series
A
∅1.5
b
4.0
C
4.0
D
3.5
E
8.0
F
1.15
STD Reel QTY
3,000
• REEL SPECIFICATIOnS (millimeters)
G
2.0
H
∅13
I
∅21
J
∅60
K
∅180
L
9.0
M
1.7
MODEL
F130 Series


Similar Part No. - F130R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F130R FOX-F130R Datasheet
492Kb / 2P
   HCMOS 2.0x1.6mm 3.3V SMD Oscillator
More results

Similar Description - F130R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F135-25 FOX-F135-25 Datasheet
492Kb / 2P
   HCMOS 2.0x1.6mm 3.3V SMD Oscillator
O1HS FOX-O1HS Datasheet
306Kb / 6P
   HCMOS 2.0x1.6mm SMD Oscillator
F110 FOX-F110 Datasheet
491Kb / 2P
   HCMOS 2.0x1.6mm 1.8V SMD Oscillator
F140 FOX-F140 Datasheet
491Kb / 2P
   HCMOS 2.0x1.6mm 2.5V SMD Oscillator
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
   3.3V, HCMOS , SMD Oscillator
F4105-200 FOX-F4105-200 Datasheet
441Kb / 2P
   3.3V, HCMOS , SMD Oscillator
F4100-500 FOX-F4100-500 Datasheet
308Kb / 2P
   3.3V, HCMOS, SMD Oscillator
F4100-600 FOX-F4100-600 Datasheet
486Kb / 2P
   3.3V. HCMOS, SMD Oscillator
F4100 FOX-F4100_1 Datasheet
217Kb / 2P
   3.3V, HCMOS, SMD Oscillator
F537 FOX-F537 Datasheet
214Kb / 2P
   HCMOS 5x3.2mm 3.3V SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com