Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M123A10BP_160 Datasheet(PDF) 3 Page - AVX Corporation

Part # M123A10BP_160
Description  MIL-PRF-123/Chips
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

M123A10BP_160 Datasheet(HTML) 3 Page - AVX Corporation

  M123A10BP_160 Datasheet HTML 1Page - AVX Corporation M123A10BP_160 Datasheet HTML 2Page - AVX Corporation M123A10BP_160 Datasheet HTML 3Page - AVX Corporation M123A10BP_160 Datasheet HTML 4Page - AVX Corporation M123A10BP_160 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
89
MIL-PRF-123/Chips
Part Number 1/
Capacitance
Capacitance
Voltage-
Rated
(1210 Size Chip)
pF
Tolerance
Temperature
Voltage
Limits
M123A11BP_301__
300
F, J, K
BP
50,100
M123A11BP_331__
330
M123A11BP_361__
360
M123A11BP_391__
390
M123A11BP_431__
430
M123A11BP_471__
470
M123A11BP_511__
510
M123A11BP_561__
560
M123A11BP_621__
620
M123A11BP_681__
680
M123A11BP_751__
750
M123A11BP_821__
820
M123A11BP_911__
910
M123A11BP_102__
1,000
M123A11BP_112__
1,100
M123A11BP_122__
1,200
M123A11BP_132__
1,300
M123A11BP_152__
1,500
M123A11BP_162__
1,600
M123A11BP_182__
1,800
M123A11BP_202__
2,000
M123A11BP_222__
2,200
F, J, K
BP
50,100
Part Number 1/
Capacitance
Capacitance
Voltage-
Rated
(1210 Size Chip)
pF
Tolerance
Temperature
Voltage
Limits
M123A11BPB242__
2,400
F, J, K
BP
50
M123A11BPB272__
2,700
M123A11BPB302__
3,000
M123A11BPB332__
3,300
F, J, K
BP
50
M123A11BX_562__
5,600
K, M
BX
50,100
M123A11BX_682__
6,800
M123A11BX_822__
8,200
M123A11BX_103__
10,000
M123A11BX_123__
12,000
M123A11BX_153__
15,000
M123A11BX_183__
18,000
M123A11BX_223__
22,000
M123A11BX_273__
27,000
K, M
BX
50,100
M123A11BXB333__
33,000
K, M
BX
50
M123A11BXB393__
39,000
M123A11BXB473__
47,000
M123A11BXB563__
56,000
M123A11BXB683__
68,000
M123A11BXB823__
82,000
M123A11BXB104__
100,000
K, M
BX
50
Part Number 1/
Capacitance
Capacitance
Voltage-
Rated
(1808 Size Chip)
pF
Tolerance
Temperature
Voltage
Limits
M123A12BP_301__
300
F, J, K
BP
50,100
M123A12BP_331__
330
M123A12BP_361__
360
M123A12BP_391__
390
M123A12BP_431__
430
M123A12BP_471__
470
M123A12BP_511__
510
M123A12BP_561__
560
M123A12BP_621__
620
M123A12BP_681__
680
M123A12BP_751__
750
M123A12BP_821__
820
M123A12BP_911__
910
M123A12BP_102__
1,000
F, J, K
BP
50,100
Part Number 1/
Capacitance
Capacitance
Voltage-
Rated
(1808 Size Chip)
pF
Tolerance
Temperature
Voltage
Limits
M123A12BX_562K_
5,600
K
BX
50,100
M123A12BX_682K_
6,800
M123A12BX_822K_
8,200
M123A12BX_103K_
10,000
M123A12BX_123K_
12,000
M123A12BX_153K_
15,000
M123A12BX_183K_
18,000
M123A12BX_223K_
22,000
M123A12BX_273K_
27,000
M123A12BX_333K_
33,000
K
BX
50,100
M123A12BXB393K_
39,000
K
BX
50
M123A12BXB473K_
47,000
M123A12BXB563K_
56,000
M123A12BXB683K_
68,000
M123A12BXB823K_
82,000
M123A12BXB104K_
100,000
K
BX
50
MIL-PRF-123/STYLE CKS53, -/12
Part Number 1/
Capacitance
Capacitance
Voltage-
Rated
(2225 Size Chip)
pF
Tolerance
Temperature
Voltage
Limits
M123A13BPB112__
1,100
F, J, K
BP
50
M123A13BPB122__
1,200
M123A13BPB132__
1,300
M123A13BPB152__
1,500
M123A13BPB162__
1,600
M123A13BPB182__
1,800
M123A13BPB202__
2,000
M123A13BPB222__
2,200
M123A13BPB242__
2,400
M123A13BPB272__
2,700
M123A13BPB302__
3,000
M123A13BPB332__
3,300
M123A13BPB362__
3,600
M123A13BPB392__
3,900
M123A13BPB432__
4,300
M123A13BPB472__
4,700
M123A13BPB512__
5,100
F, J, K
BP
50
Part Number 1/
Capacitance
Capacitance
Voltage-
Rated
(2225 Size Chip)
pF
Tolerance
Temperature
Voltage
Limits
M123A13BPB562__
5,600
F, J, K
BP
50
M123A13BPB622__
6,200
M123A13BPB682__
6,800
M123A13BPB752__
7,500
M123A13BPB822__
8,200
M123A13BPB912__
9,100
M123A13BPB103__
10,000
F, J, K
BP
50
M123A13BXB124K_
120,000
K
BX
50
M123A13BXB154K_
150,000
M123A13BXB184K_
180,000
M123A13BXB224K_
220,000
M123A13BXB274K_
270,000
M123A13BXB334K_
330,000
M123A13BXB394K_
394,000
M123A13BXB474K_
474,000
M123A13BXB105K_
1,000,000
K
BX
50
MIL-PRF-123/STYLE CKS54, -/13
MIL-PRF-123/STYLE CKS52, -/11


Similar Part No. - M123A10BP_160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M123A10BPB103BMA VISHAY-M123A10BPB103BMA Datasheet
109Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
Revision: 15-May-17
M123A10BPB103BMJ VISHAY-M123A10BPB103BMJ Datasheet
109Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
Revision: 15-May-17
M123A10BPB103BMW VISHAY-M123A10BPB103BMW Datasheet
109Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
Revision: 15-May-17
M123A10BPB103BSA VISHAY-M123A10BPB103BSA Datasheet
109Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
Revision: 15-May-17
M123A10BPB103BSJ VISHAY-M123A10BPB103BSJ Datasheet
109Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
Revision: 15-May-17
More results

Similar Description - M123A10BP_160

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
CDR01-06 AVX-CDR01-06 Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
Vishay Siliconix
M55342 VISHAY-M55342 Datasheet
123Kb / 2P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision 08-Oct-04
M55342E01B1C100MBSV VISHAY-M55342E01B1C100MBSV Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
logo
AVX Corporation
CDR31BP471BFWP AVX-CDR31BP471BFWP Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips Part Number Example CDR31 thru CDR35
CDR06BX474AKUR AVX-CDR06BX474AKUR Datasheet
44Kb / 2P
   MIL-PRF-55681/Chips Part Number Example CDR01 thru CDR06
logo
Glenair, Inc.
660-072 GLENAIR-660-072 Datasheet
319Kb / 2P
   MIL-PRF-28876 Dust Covers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com