Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB697BZ Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPB697BZ
Description  Photologic짰 Optical Flag Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB697BZ Datasheet(HTML) 3 Page - OPTEK Technologies

  OPB697BZ Datasheet HTML 1Page - OPTEK Technologies OPB697BZ Datasheet HTML 2Page - OPTEK Technologies OPB697BZ Datasheet HTML 3Page - OPTEK Technologies OPB697BZ Datasheet HTML 4Page - OPTEK Technologies OPB697BZ Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
04/09
Page 3 of 5
Photologic® Optical Flag Switch
OPB685, OPB685-3, OPB686, OPB687, OPB688
OPB695, OPB696, OPB697, OPB698 Series
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage & Operating Temperature Range
-40°C to +100°C
Lead Soldering Temperature [1/16 inch (1.6mm) from the case for 5 sec. with soldering iron](1)
260°C
Input Diode
Reverse Voltage
2.0 V
Continuous Forward Current
50 mA
Peak Forward Current
3.0 A
Total Device Power Dissipation(2)
100 mW
Output Photologic®
Supply Voltage, VCC
18 V
Duration of Output Short to VCC
1 second
Voltage at Output
30 V
Low Level Output Current (sinking)
16 mA
Power Dissipation(3) (4)
240 mW
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2) Derate linearly 1.33 mW/°C above 25° C.
(3) Derate linearly 2.00 mW/°C above 25° C (OPB680, OPB680-20, OPB690Z).
(4) Derate linearly 2.50 mW/°C above 25° C (OPB685, OPB686, OPB687, OPB688, OPB695, OPB696, OPB697, OPB698).
OPB685, OPB695 Buffered 10K Pull-Up
OPB686, OPB696 Buffered Open-Collector
OPB687, OPB697 Inverted 10K Pull-Up
OPB688, OPB698 Inverted Open-Collector
OPB685 and OPB695 Series


Similar Part No. - OPB697BZ

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB697BZ TTELEC-OPB697BZ Datasheet
1Mb / 6P
   Photologic Optical Flag Switch
More results

Similar Description - OPB697BZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPB970N51 ETC-OPB970N51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB930W51Z OPTEK-OPB930W51Z Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB990T55 ETC2-OPB990T55 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB120A OPTEK-OPB120A Datasheet
418Kb / 5P
   Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB982T51 ETC2-OPB982T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB931W51Z ETC2-OPB931W51Z Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
OPB970N11 ETC2-OPB970N11 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970T51 ETC-OPB970T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB983T51Z ETC2-OPB983T51Z Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB992T51 OPTEK-OPB992T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com