Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F54SR Datasheet(PDF) 2 Page - Fox Electronics

Part # F54SR
Description  HCMOS 5x3.2mm 2.5V SMD Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F54SR Datasheet(HTML) 2 Page - Fox Electronics

  F54SR Datasheet HTML 1Page - Fox Electronics F54SR Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
41
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2009 FOX ELECTRONICS | ISO9001:2000 Certified
HCMOS 5x3.2mm 2.5V SMD Oscillator
Rev. 1/21/2009
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F547 / F549 SERIES
Page 2 of 2
RoHS Compliant / Pb Free
Model: F540L SERIES
• TAPE SPECIFICATIOnS (millimeters)
MODEL
F547/549 Series
A
∅1.5
b
4.0
C
8.0
D
5.5
E
12.0
F
1.5
STD Reel QTY
1,000
• REEL SPECIFICATIOnS (millimeters)
G
2.0
H
∅13
I
∅20.2
J
∅62
K
∅180
L
13.5
M
1.6
MODEL
F547/549 Series


Similar Part No. - F54SR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F54SR FOX-F54SR Datasheet
220Kb / 2P
   HCMOS 5x3.2mm 2.5V SMD Oscillator
More results

Similar Description - F54SR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FSS52 FOX-FSS52 Datasheet
439Kb / 3P
   HCMOS 5x3.2mm 2.5V SMD Oscillator
F547 FOX-F547 Datasheet
220Kb / 2P
   HCMOS 5x3.2mm 2.5V SMD Oscillator
F540L FOX-F540L Datasheet
166Kb / 2P
   HCMOS 5x3.2mm 2.5V SMD Oscillator
logo
EUROQUARTZ limited
EQXP-HC52 EUROQUARTZ-EQXP-HC52 Datasheet
166Kb / 1P
   HCMOS 5x3.2mm 2.5V OSCILLATOR
logo
Fox Electronics
O5HA FOX-O5HA Datasheet
283Kb / 5P
   HCMOS 5x3.2mm SMD Oscillator
O5HL FOX-O5HL Datasheet
243Kb / 3P
   HCMOS 5x3.2mm SMD Oscillator
F520L FOX-F520L Datasheet
167Kb / 2P
   HCMOS 5x3.2mm 2.85V SMD Oscillator
F530LA FOX-F530LA Datasheet
189Kb / 2P
   HCMOS 5x3.2mm 3.3V SMD Oscillator
F530L FOX-F530L Datasheet
188Kb / 2P
   HCMOS 5x3.2mm 3.3V SMD Oscillator
F550H FOX-F550H Datasheet
165Kb / 2P
   HCMOS 5x3.2mm 5.0V SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com