Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4115-A Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4115-A
Description  Evaluation Board Rev.3
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4115-A Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4115-A Datasheet HTML 2Page - Asahi Kasei Microsystems AK4115-A Datasheet HTML 3Page - Asahi Kasei Microsystems AK4115-A Datasheet HTML 4Page - Asahi Kasei Microsystems AK4115-A Datasheet HTML 5Page - Asahi Kasei Microsystems AK4115-A Datasheet HTML 6Page - Asahi Kasei Microsystems AK4115-A Datasheet HTML 7Page - Asahi Kasei Microsystems AK4115-A Datasheet HTML 8Page - Asahi Kasei Microsystems AK4115-A Datasheet HTML 9Page - Asahi Kasei Microsystems AK4115-A Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ASAHI KASEI
[AKD4115-A]
<KM076403>
2006/08
- 6 -
(2) Evaluation for DIT
1. Synchronous mode
S/PDIF
Optical, XLR or
BNC connector
PORT2
(10pin Header)
MCLK
BICK
LRCK
DAUX
AK4115
(DIT)
PORT5
(10pin Header)
AKD4115-A
ADC
MCLK
BICK
LRCK
DAUX
2.
Asynchronous mode
S/PDIF
Optical, XLR or
BNC connector
PORT2
(10pin Header)
EMCK
EBICK
ELRCK
DAUX
AK4115
(DIT)
AKD4115-A
ADC
EMCK
EBICK
ELRCK
DAUX
MCLK, BICK, LRCK and DAUX are input the via 10pin header (PORT5: DIT). The AKD4115-A can be
connected with the AKM’s ADC evaluation board via 10-pin cable.
a. Set-up of a Bi-phase output signal
TX0 and TXP0/TXN0 should not select an optical connector or a BNC connector at the same time.
a-1. The data outputted from TXP1/TXN1 can be selected by OPS12-10 bit.
Connector
JP19 (TXP1)
JP14 (TXN1)
Optical (PORT4)
OPT
BNC
XLR (J3)
XLR
XLR
BNC (J4)
BNC
BNC
Table 9. Set-up of TXP1/TXN1
a-2. As for TX0, only the loop back mode of RX corresponds. This mode is fixed to RX0 in parallel mode. In
serial mode, it can be selected by OPS02-00 bits.
Connector
JP13 (TX0)
JP19 (TXP1)
JP14 (TXN1)
Optical (PORT4)
OPT
Open
BNC
BNC (J4)
BNC
Open
BNC
Table 10. Set-up of TX0


Similar Part No. - AK4115-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4115 AKM-AK4115 Datasheet
596Kb / 64P
   High Feature 192kHz 24bit Digital Audio Interface Transceiver
AK4115VQ AKM-AK4115VQ Datasheet
596Kb / 64P
   High Feature 192kHz 24bit Digital Audio Interface Transceiver
More results

Similar Description - AK4115-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4955-A AKM-AKD4955-A Datasheet
3Mb / 89P
   AK4955 Evaluation Board Rev.3
AKD4115-A AKM-AKD4115-A Datasheet
428Kb / 32P
   AK4115 Evaluation Board Rev.3
AKD4440-A AKM-AKD4440-A Datasheet
1Mb / 29P
   AK4440 Evaluation Board Rev.3
AKD4145-A AKM-AKD4145-A Datasheet
1Mb / 32P
   Evaluation board Rev.3 for AK4145
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AKD4621-B AKM-AKD4621-B Datasheet
985Kb / 50P
   AK4621 Evaluation board Rev.2
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com