Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4115-A Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4115-A
Description  Evaluation Board Rev.3
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4115-A Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4115-A Datasheet HTML 1Page - Asahi Kasei Microsystems AK4115-A Datasheet HTML 2Page - Asahi Kasei Microsystems AK4115-A Datasheet HTML 3Page - Asahi Kasei Microsystems AK4115-A Datasheet HTML 4Page - Asahi Kasei Microsystems AK4115-A Datasheet HTML 5Page - Asahi Kasei Microsystems AK4115-A Datasheet HTML 6Page - Asahi Kasei Microsystems AK4115-A Datasheet HTML 7Page - Asahi Kasei Microsystems AK4115-A Datasheet HTML 8Page - Asahi Kasei Microsystems AK4115-A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
ASAHI KASEI
[AKD4115-A]
<KM076403>
2006/08
- 1 -
GENERAL DESCRIPTION
AKD4115 is the evaluation board for AK4115, 192kHz digital audio transceiver. This board has optical,
cannon connector (XLR), and BNC connectors to interface with other digital audio equipment.
Ordering guide
AKD4115-A ---
Evaluation board for AK4115
(A cable for connecting the printer port (parallel port) of IBM-AT compatible PC
and control software are packed with this document. Please note that the control
software does not operate on Windows NT)
FUNCTION
Digital interface
-S/PDIF :
8 channel input (optical, BNC or XLR)
2 channel output (optical, BNC or XLR)
- Serial audio data I/F :
1 input (for DIT data input. 10-pin port)
1 output (for DIR data output. 10-pin port)
-B,C,U,V bit :
1 input/output port (10-pin port)
-Serial control data I/F
1 input/output port (10-pin port)
RX0
RX1
AK4115
B,C,U,V
Serial Data in
(To DIT)
Control
5V
GND
Opt
RX7
TX0
TX1
Opt
Serial Data out
(From DIR
REG
3.3V
Figure 1. AKD4115-A Block Diagram
*Circuit diagram and PCB layout are attached at the end of this manual.
AK4115 Evaluation Board Rev.3
AKD4115-A


Similar Part No. - AK4115-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4115 AKM-AK4115 Datasheet
596Kb / 64P
   High Feature 192kHz 24bit Digital Audio Interface Transceiver
AK4115VQ AKM-AK4115VQ Datasheet
596Kb / 64P
   High Feature 192kHz 24bit Digital Audio Interface Transceiver
More results

Similar Description - AK4115-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4955-A AKM-AKD4955-A Datasheet
3Mb / 89P
   AK4955 Evaluation Board Rev.3
AKD4115-A AKM-AKD4115-A Datasheet
428Kb / 32P
   AK4115 Evaluation Board Rev.3
AKD4440-A AKM-AKD4440-A Datasheet
1Mb / 29P
   AK4440 Evaluation Board Rev.3
AKD4145-A AKM-AKD4145-A Datasheet
1Mb / 32P
   Evaluation board Rev.3 for AK4145
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AKD4621-B AKM-AKD4621-B Datasheet
985Kb / 50P
   AK4621 Evaluation board Rev.2
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com