Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBI100N-060 Datasheet(PDF) 5 Page - Fuji Electric

Part # 7MBI100N-060
Description  IGBT(600V/100A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBI100N-060 Datasheet(HTML) 5 Page - Fuji Electric

  7MBI100N-060 Datasheet HTML 1Page - Fuji Electric 7MBI100N-060 Datasheet HTML 2Page - Fuji Electric 7MBI100N-060 Datasheet HTML 3Page - Fuji Electric 7MBI100N-060 Datasheet HTML 4Page - Fuji Electric 7MBI100N-060 Datasheet HTML 5Page - Fuji Electric 7MBI100N-060 Datasheet HTML 6Page - Fuji Electric 7MBI100N-060 Datasheet HTML 7Page - Fuji Electric 7MBI100N-060 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
0
5
10
15
20
25
30
35
0,1
1
10
C
res
C
oes
C
ies
Capacitance vs. Collector-Emitter voltage
T
j=25°C
Collector-Emitter Voltage : V
CE [V]
0
50
100
150
200
0
2
4
6
8
10
E
rr 25°C
E
rr 125°C
Switching loss vs. Collector current
V
CC=300V, RG=24, VGE=±15V
Collector Current : I
C [A]
E
on 25°C
E
on 125°C
E
off 25°C
E
off 125°C


Similar Part No. - 7MBI100N-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBI40N-120 FUJI-7MBI40N-120 Datasheet
198Kb / 8P
   IGBT(1200V/40A)
7MBI50N-120 FUJI-7MBI50N-120 Datasheet
198Kb / 8P
   IGBT MODULE(1200V,50A)
7MBI75N-060 FUJI-7MBI75N-060 Datasheet
198Kb / 8P
   IGBT(600V/75A)
More results

Similar Description - 7MBI100N-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR100SB060 FUJI-7MBR100SB060 Datasheet
569Kb / 7P
   IGBT(600V/100A)
logo
MacMic
MMG100HB060B6EN MACMIC-MMG100HB060B6EN Datasheet
313Kb / 6P
   600V 100A IGBT Module
logo
Littelfuse
MG06100S-BR1MM LITTELFUSE-MG06100S-BR1MM Datasheet
1Mb / 6P
   600V 100A IGBT Module
logo
MacMic
MMG100S060B6EN MACMIC-MMG100S060B6EN Datasheet
426Kb / 5P
   600V 100A IGBT Module
MMG100S060B6TC MACMIC-MMG100S060B6TC Datasheet
355Kb / 6P
   600V 100A IGBT Module
logo
Littelfuse
MG06100S-BN4MM LITTELFUSE-MG06100S-BN4MM Datasheet
1Mb / 5P
   600V 100A IGBT Module
logo
Nihon Inter Electronics...
PRHMB100A6 NIEC-PRHMB100A6 Datasheet
112Kb / 3P
   IGBT MODULE Chopper 100A 600V
PDMB100A6 NIEC-PDMB100A6 Datasheet
110Kb / 3P
   IGBT MODULE Dual 100A 600V
PRHMB100A6A NIEC-PRHMB100A6A Datasheet
112Kb / 3P
   IGBT MODULE Chopper 100A 600V
PCHMB100A6 NIEC-PCHMB100A6 Datasheet
111Kb / 3P
   IGBT MODULE Chopper 100A 600V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com