Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-497640-65 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # 10-497640-65
Description  JT/LJT Subminiature Cylindrical Connectors
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

10-497640-65 Datasheet(HTML) 4 Page - Amphenol Corporation

  10-497640-65 Datasheet HTML 1Page - Amphenol Corporation 10-497640-65 Datasheet HTML 2Page - Amphenol Corporation 10-497640-65 Datasheet HTML 3Page - Amphenol Corporation 10-497640-65 Datasheet HTML 4Page - Amphenol Corporation 10-497640-65 Datasheet HTML 5Page - Amphenol Corporation 10-497640-65 Datasheet HTML 6Page - Amphenol Corporation 10-497640-65 Datasheet HTML 7Page - Amphenol Corporation 10-497640-65 Datasheet HTML 8Page - Amphenol Corporation 10-497640-65 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
2
JT/LJT
the subminiature cylindrical
for every application
Components
Shell components are impact extruded or machined
bar stock aluminum. Standard plating on shell com-
ponents is cadmium over nickel. Many finishes are
optional (see “Specifications” page 3). Hermetic seal
receptacles are available in carbon steel or stain-
less steel shells. Dependable 5 key/keyway polar-
ization with bayonet lock coupling is incorporated
to aid and assure positive mating.
Insert material is a rigid dielectric with excellent elec-
trical characteristics, providing durable protection
for molded-in solder type contacts. Contrasting let-
ter or number designations are used on insert faces.
A fluorinated silicone interfacial seal wafer is fea-
tured on the mating face of “crimp type pin” inserts.
This assures complete electrical isolation of pins
when connector halves are mated. In addition, a
main joint gasket is installed in the receptacle for
moisture sealing between connector halves. Both
features are also available for hermetic receptacles.
Contacts
Maximum design flexibility is built into the JT/LJT
Series, with a minimum of 2 to a maximum of 128
circuits per connector in a wide variety of contact
arrangements. Contacts are available in sizes 8,
10, 12, 16, 20, 22, 22D and 22M with standard 50
micro inch minimum gold plating (100 micro inches
optional). All socket contacts are probe proof. Crimp
type rear removable contacts are featured in JT-R
and LJT-R connectors. Solder termination contacts
are also available, as well as PCB, wire wrap, ther-
mocouple, fiber optic, coaxial, triaxial and twinax
contact options.
Optional Features
High temperature capability of 392°F is available
only in JTS or LJTS crimp type connectors. High
temperature versions feature gold plated contacts,
high temperature shell plating, stainless steel cou-
pling nut spring, and epoxy inserts/fluorinated sili-
cone grommet combination. Standard temperature
capability for both solder and crimp is 302°F.
The JTN or LJTN type connectors are available for
N
2O4resistance provided they are mated, and un-
grommeted rear faces are suitably protected.
For complete listing and definition of connector
types, shell styles and service classes, see How to
Order, page 53. For information on Fail-Safe Lan-
yard Release style plugs see pages 38-41.
Wall
Mounting
Receptacle
Box
Mounting
Receptacle
Straight
Plug
Jam Nut
Receptacle
90° Plug
Solder
Mounting
Receptacle
Wall
Mounting
Receptacle
Line
Receptacle
Jam
Nut
Receptacle
Straight
Plug
Solder
Mounting
Receptacle
Lanyard
Release
Plug


Similar Part No. - 10-497640-65

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
10-497643-15 AMPHENOL-10-497643-15 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
10-497643-25 AMPHENOL-10-497643-25 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
10-497643-35 AMPHENOL-10-497643-35 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
10-497643-45 AMPHENOL-10-497643-45 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
More results

Similar Description - 10-497640-65

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
JT06A-24-61P AMPHENOL-JT06A-24-61P Datasheet
1Mb / 57P
   JT/LJT Subminiature Cylindrical Connectors
MS27497T24B4S AMPHENOL-MS27497T24B4S Datasheet
1Mb / 57P
   JT/LJT Subminiature Cylindrical Connectors
MS27467T17B35S-LC AMPHENOL-MS27467T17B35S-LC Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
MS27473E10B35S AMPHENOL-MS27473E10B35S Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
ES27484T22F21S AMPHENOL-ES27484T22F21S Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
MS27508E14F5P AMPHENOL-MS27508E14F5P Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
M3902976-424 AMPHENOL-M3902976-424 Datasheet
2Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
MS27505E15B35P AMPHENOL-MS27505E15B35P Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
MS27484T16F8S-LC AMPHENOL-MS27484T16F8S-LC Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
JT06RE-18-53P AMPHENOL-JT06RE-18-53P Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com