Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXTC-HE73LC Datasheet(PDF) 4 Page - Fox Electronics

Part # FXTC-HE73LC
Description  7 x 5mm 3.3V TCXO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXTC-HE73LC Datasheet(HTML) 4 Page - Fox Electronics

  FXTC-HE73LC Datasheet HTML 1Page - Fox Electronics FXTC-HE73LC Datasheet HTML 2Page - Fox Electronics FXTC-HE73LC Datasheet HTML 3Page - Fox Electronics FXTC-HE73LC Datasheet HTML 4Page - Fox Electronics FXTC-HE73LC Datasheet HTML 5Page - Fox Electronics FXTC-HE73LC Datasheet HTML 6Page - Fox Electronics FXTC-HE73LC Datasheet HTML 7Page - Fox Electronics FXTC-HE73LC Datasheet HTML 8Page - Fox Electronics FXTC-HE73LC Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Model: FXTC-HE73 Series
Preliminary
Page 4 of 4
© 2012 FOX ELECTRONICS | ISO9001:2008 Certified
Doc #100909
A
An
n IIn
ntte
eg
grra
atte
ed
d D
De
ev
viic
ce
e T
Te
ec
ch
hn
no
ollo
og
gy
y,, IIn
nc
c.. C
Co
om
mp
pa
an
ny
y
If 30% to 70% times are used, Rise and Fall times change to 1.5 nS from 0.75 to 250MHz
If 20% to 80% times are used, Rise and Fall times change to 2 nS from 0.75 to 150MHz
Output Wave Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Output LOW Voltage
VOL
15pF Load - All frequencies
0.75 to 150 MHz
150+ to 250 MHz
10% VDD
20% VDD
Output HIGH Voltage
VOH
15pF Load - All frequencies
0.75 to 150 MHz
150+ to 250 MHz
90% VDD MIN
80% VDD MIN
Output Symmetry (See Drawing
Below)
15pF Load - All frequencies
@ 50% VDD Level
45% ~ 55%
Output Enable (PIN # 2) Voltage
VIH
≥ 70% V
DD
Output Disable (PIN # 2) Voltage
VIL
≤ 30% V
DD
Cycle Rise Time (See Drawing Below)
TR
15pF Load - All frequencies
0.75 to 150 MHz
150+ to 250 MHz
3 nS (10%~90%)
3 nS (20%~80%)
Cycle Fall Time (See Drawing Below)
TF
15pF Load - All frequencies
0.75 to 150 MHz
150+ to 250 MHz
3 nS (90%~10%)
3 nS (80%~20%)
20% to 80%
10% to 90%
0V to V
Rise Time
10% - 90%
90% - 10%
Fall Time
Times
80 - 20
50% V
On Time
Off Time
1/2 Period
Period
Ideally, Symmetry should be 50/50 -- Other expressions are 45/55 or 55/45
1/2 Period
Rise Time / Fall Time Measurements
Oscillator Symmetry
70 - 30
Times
30% to 70%
DD
DD


Similar Part No. - FXTC-HE73LC

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
FXT000116 ASI-FXT000116 Datasheet
1Mb / 9P
   Silicon MOSFET Technology
FXT000116 ASI-FXT000116 Datasheet
1Mb / 9P
   Excellent Thermal Stability
FXT000158 ASI-FXT000158 Datasheet
1Mb / 8P
   All Gold Bonding Scheme
logo
List of Unclassifed Man...
FXT01A ETC2-FXT01A Datasheet
241Kb / 7P
   Flexible PCB Near-Field Communications Tag Antenna
logo
Advanced Semiconductor
FXT0D0158REV.B ASI-FXT0D0158REV.B Datasheet
2Mb / 5P
   Silicon MOSFET Technology
More results

Similar Description - FXTC-HE73LC

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
   LVPECL 7 x 5mm 3.3V VCXO
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FVXO-LC73 FOX-FVXO-LC73 Datasheet
333Kb / 15P
   LVDS 7 x 5mm 3.3V VCXO
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-PC73 FOX-FXO-PC73 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com